Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASMDC030F Datasheet(PDF) 1 Page - Littelfuse

Part # ASMDC030F
Description  PolySwitch PTC Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ASMDC030F Datasheet(HTML) 1 Page - Littelfuse

  ASMDC030F Datasheet HTML 1Page - Littelfuse ASMDC030F Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: ASMDC030F
DOCUMENT: SCD29096
REV LETTER: A
REV DATE: SEPTEMBER 26, 2016
PAGE NO.: 1 OF 2
© 2016 Littelfuse,Inc
Littelfuse.com
Specifications are subject to change without notice.
Revised September 26, 2016
Specification Status: Released
Maximum Electrical Rating
Voltage: 60VDC
Short Circuit Current: 10A
Notes:
1. All terminations are tin plated.
2. Drawing not to scale
Marking:
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
mm:
7.30
7.70
0.63
0.90
4.90
5.30
0.25
0.95
0.20
in:
(0.287) (0.303) (0.025) (0.035) (0.193) (0.209) (0.010) (0.037) (0.008)
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS**
TIME TO
TRIP**
RESISTANCE
VALUES
TRIPPED-STATE
POWER
DISSIPATION**
AMPERES
AT 0°C
AMPERES
AT 25°C
AMPERES
AT 60°C
SECONDS
AT 25°C, 1.5A
OHMS
AT 25°C
WATTS AT
25°C, 60V
HOLD TRIP HOLD TRIP HOLD TRIP
MAX
MIN
MAX*
MAX
0.37
0.76
0.30
0.60
0.19
0.38
3.0
0.30
3.40
1.5
* Maximum resistance is measured 1 hour after reflow.
** Values Specified were determined using PCB’s with 0.070”X1.5 ounce copper traces.
Reference Documents:
PS300, PS400
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free
Halogen Free*
* Halogen Free refers to: Br≤900ppm, Cl≤900ppm, Br+Cl≤1500ppm.
HF


Similar Part No. - ASMDC030F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ASMDC030F MACOM-ASMDC030F Datasheet
289Kb / 26P
PolySwitch Resettable Devices
More results

Similar Description - ASMDC030F

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RXEF030 LITTELFUSE-RXEF030 Datasheet
348Kb / 2P
PolySwitch PTC Devices
RXEF050 LITTELFUSE-RXEF050 Datasheet
345Kb / 2P
PolySwitch PTC Devices
RXEF135 LITTELFUSE-RXEF135 Datasheet
344Kb / 2P
PolySwitch PTC Devices
SMD075F-60 LITTELFUSE-SMD075F-60 Datasheet
327Kb / 2P
PolySwitch PTC Devices
SMD125F LITTELFUSE-SMD125F Datasheet
328Kb / 2P
PolySwitch PTC Devices
SMD150F LITTELFUSE-SMD150F Datasheet
328Kb / 2P
PolySwitch PTC Devices
SMD150F-33-2920 LITTELFUSE-SMD150F-33-2920 Datasheet
97Kb / 2P
PolySwitch PTC Devices
SMD250F-15-2920 LITTELFUSE-SMD250F-15-2920 Datasheet
97Kb / 2P
PolySwitch PTC Devices
SMDC125F-33 LITTELFUSE-SMDC125F-33 Datasheet
347Kb / 2P
PolySwitch PTC Devices
SMDC185F-33 LITTELFUSE-SMDC185F-33 Datasheet
104Kb / 2P
PolySwitch PTC Devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com