Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7879 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7879 Datasheet HTML 17Page - Analog Devices AD7879 Datasheet HTML 18Page - Analog Devices AD7879 Datasheet HTML 19Page - Analog Devices AD7879 Datasheet HTML 20Page - Analog Devices AD7879 Datasheet HTML 21Page - Analog Devices AD7879 Datasheet HTML 22Page - Analog Devices AD7879 Datasheet HTML 23Page - Analog Devices AD7879 Datasheet HTML 24Page - Analog Devices AD7879 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
AD7879/AD7889
Rev. D | Page 21 of 40
REGISTER MAP
Table 11. Register Table
Address1
Register Name
Description
Default Value
Type
0x00
Unused
Unused
0x0000
R/W
0x01
Control Register 1
Pen interrupt enable, channel selection for manual
conversion, ADC mode, acquisition time, and
conversion timer
0x0000
R/W
0x02
Control Register 2
ADC power management, GPIO control, pen interrupt
mode, averaging, median filter, software reset, and FCD
0x4040
R/W
0x03
Control Register 3
Status of high/low limit comparisons for TEMP and
AUX/VBAT, and enable bits to allow them to become
interrupts; channel selection for slave/master mode
0x0000
R/W
0x04
AUX/VBAT high limit
AUX/VBAT high limit for comparison
0x0000
R/W
0x05
AUX/VBAT low limit
AUX/VBAT low limit for comparison
0x0000
R/W
0x06
TEMP high limit
TEMP high limit for comparison
0x0000
R/W
0x07
TEMP low limit
TEMP low limit for comparison
0x0000
R/W
0x08
X+
X+ measurement for Y position
0x0000
R
0x09
Y+
Y+ measurement for X position
0x0000
R
0x0A
X+ (Z1)
X+ measurement for touch pressure calculation (Z1)
0x0000
R
0x0B
Y− (Z2)
Y− measurement for touch pressure calculation (Z2)
0x0000
R
0x0C
AUX/VBAT
AUX/VBAT voltage measurement
0x0000
R
0x0D
TEMP
Temperature conversion measurement
0x0000
R
0x0E
Revision and device ID
Revision and device ID
0x0379 (AD7879-1/AD7889-1)
R
0x037A (AD7879/AD7889)
R
1 Do not write to addresses outside the register map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com