Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADAV801EBZ Datasheet(PDF) 35 Page - Analog Devices

Part # EVAL-ADAV801EBZ
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV801EBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button EVAL-ADAV801EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADAV801EBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
ADAV801
Rev. A | Page 34 of 60
Group Delay and Mute—Address 0001000 (0x08)
Table 29. Group Delay and Mute Register Bit Map
7
6
5
4
3
2
1
0
MUTE_SRC
GRPDLY6
GRPDLY5
GRPDLY4
GRPDLY3
GRPDLY2
GRPDLY1
GRPDLY0
Table 30. Group Delay and Mute Register Bit Descriptions
Bit Name
Description
MUTE_SRC
Soft-mutes the output of the sample rate converter.
0 = No mute.
1 = Soft mute.
GRPDLY[6:0]
Adds delay to the sample rate converter FIR filter by GRPDLY[6:0] input samples.
0000000 = No delay.
0000001 = 1 sample delay.
0000010 = 2 sample delay.
1111110 = 126 sample delay.
1111111 = 127 sample delay.
Receiver Configuration 1—Address 0001001 (0x09)
Table 31. Receiver Configuration 1 Register Bit Map
7
6
5
4
3
2
1
0
NOCLOCK
RxCLK1
RxCLK0
AUTO_DEEMPH
ERR1
ERR0
LOCK1
LOCK0
Table 32. Receiver Configuration 1 Register Bit Descriptions
Bit Name
Description
NOCLOCK
Selects the source of the receiver clock when the PLL is not locked.
0 = Recovered PLL clock is used.
1 = ICLK1 is used.
RxCLK[1:0]
Determines the oversampling ratio of the recovered receiver clock.
00 = RxCLK is a 128 × fS recovered clock.
01 = RxCLK is a 256 × fS recovered clock.
10 = RxCLK is a 512 × fS recovered clock.
11 = Reserved.
AUTO_DEEMPH
Automatically de-emphasizes the data from the receiver based on the channel status information.
0 = Automatic de-emphasis is disabled.
1 = Automatic de-emphasis is enabled.
ERR[1:0]
Defines what action the receiver should take, if the receiver detects a parity or biphase error.
00 = No action is taken.
01 = Last valid sample is held.
10 = Invalid sample is replaced with zeros.
11 = Reserved.
LOCK[1:0]
Defines what action the receiver should take, if the PLL loses lock.
00 = No action is taken.
01 = Last valid sample is held.
10 = Zeros are sent out after the last valid sample.
11 = Soft-mute of the last valid audio sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com