Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KWDNLS31.RA Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KWDNLS31.RA
Description  Backlighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDNLS31.RA Datasheet(HTML) 1 Page - OSRAM GmbH

  KWDNLS31.RA Datasheet HTML 1Page - OSRAM GmbH KWDNLS31.RA Datasheet HTML 2Page - OSRAM GmbH KWDNLS31.RA Datasheet HTML 3Page - OSRAM GmbH KWDNLS31.RA Datasheet HTML 4Page - OSRAM GmbH KWDNLS31.RA Datasheet HTML 5Page - OSRAM GmbH KWDNLS31.RA Datasheet HTML 6Page - OSRAM GmbH KWDNLS31.RA Datasheet HTML 7Page - OSRAM GmbH KWDNLS31.RA Datasheet HTML 8Page - OSRAM GmbH KWDNLS31.RA Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2017-02-27
1
2017-02-27
SYNIOS E2314
Datasheet
Version 1.0
KW DNLS31.RA
The footprint of the SYNIOS E2314 is optimized for
backlighting lightguides with small widths. The
combination of volume casting and volume emitter
LED chip offers a very homogenous radiation in the
mid power class.
Die Abmessungen der SYNIOS E2314 sind für
schmale Lichtleiter in der Hinterleuchtung optimiert.
Die Kombination aus Volumensverguss und einem
Volumen emittierenden LED Chip ermöglicht ein sehr
homogenes Abstrahlverhalten in der mid Power
Klasse.
Features:
Besondere Merkmale:
Package: SMD epoxy package, colored silicone
resin
Gehäusetyp: SMD Epoxid Gehäuse, farbiger
Silikon-Verguss
Technology: InGaN on Sapphire
Technologie: InGaN on Sapphire
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
Color: Cx = 0.31, Cy = 0.30 acc. to CIE 1931
(white)
Farbe: Cx = 0.31, Cy = 0.30 nach CIE 1931 (weiß)
Applications
Anwendungen
Backlighting
Hinterleuchtung
LCD Backlighting
LCD Beleuchtung
Automotive Interior Lighting
Automotive Interior Lighting


Similar Part No. - KWDNLS31.RA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KWDNY MSYSTEM-KWDNY Datasheet
103Kb / 3P
Plug-in Signal Conditioners K-UNIT
KWDNY-11A-B MSYSTEM-KWDNY-11A-B Datasheet
103Kb / 3P
Plug-in Signal Conditioners K-UNIT
KWDNY-11A-B/Q MSYSTEM-KWDNY-11A-B/Q Datasheet
103Kb / 3P
Plug-in Signal Conditioners K-UNIT
KWDNY-11A-C MSYSTEM-KWDNY-11A-C Datasheet
103Kb / 3P
Plug-in Signal Conditioners K-UNIT
KWDNY-11A-C/Q MSYSTEM-KWDNY-11A-C/Q Datasheet
103Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KWDNLS31.RA

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOE67F OSRAM-LOE67F Datasheet
445Kb / 20P
Backlighting
LOM670 OSRAM-LOM670 Datasheet
479Kb / 19P
Backlighting
LWY1SG OSRAM-LWY1SG_14 Datasheet
551Kb / 22P
Backlighting
LTW5SM OSRAM-LTW5SM Datasheet
633Kb / 21P
Backlighting
LBQH9G OSRAM-LBQH9G Datasheet
741Kb / 21P
Backlighting
LTPWSG OSRAM-LTPWSG Datasheet
759Kb / 22P
Backlighting
LWQ38G OSRAM-LWQ38G Datasheet
562Kb / 22P
Backlighting
LAT67D OSRAM-LAT67D Datasheet
757Kb / 20P
Backlighting
LBE6SG OSRAM-LBE6SG Datasheet
604Kb / 21P
Backlighting
LBE63C OSRAM-LBE63C_16 Datasheet
1Mb / 22P
Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com