Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LOE67B Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LOE67B
Description  Traffic lights
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOE67B Datasheet(HTML) 1 Page - OSRAM GmbH

  LOE67B Datasheet HTML 1Page - OSRAM GmbH LOE67B Datasheet HTML 2Page - OSRAM GmbH LOE67B Datasheet HTML 3Page - OSRAM GmbH LOE67B Datasheet HTML 4Page - OSRAM GmbH LOE67B Datasheet HTML 5Page - OSRAM GmbH LOE67B Datasheet HTML 6Page - OSRAM GmbH LOE67B Datasheet HTML 7Page - OSRAM GmbH LOE67B Datasheet HTML 8Page - OSRAM GmbH LOE67B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2013-05-08
1
2013-05-08
Power TOPLED
Datasheet
Version 1.0
LO E67B
PowerTOPLED, a powerful member of the TOPLED
family. Thanks to their high luminous efficacy, the
LEDs are ideal for rear light clusters and indicators on
vehicles and for display panels for traffic control
systems.
PowerTOPLED, ein leistungsstarkes Mitglied der
TOPLED Familie. Dank der hohen Lichtausbeute
eignen sie sich ideal für Heckleuchten und Indikatoren
an Fahrzeugen und für Display-Panels in
Verkehrsleitsysteme.
Features:
Besondere Merkmale:
• Package: white PLCC-4 package, colorless clear
resin
• Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser klarer Verguss
• Technology: InGaAlP
• Technologie: InGaAlP
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: orange (606 nm)
• Farbe: orange (606 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Traffic lights
• Ampelanlagen
• Backlighting
• Hinterleuchtung
• Automotive Lighting Interior and Exterior
• Automobilbeleuchtung innen und außen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LOE67B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
175Kb / 14P
Power TOPLED Enhanced optical Power LED (HOP2000)
logo
ams AG
LOE67B AMSCO-LOE67B Datasheet
1Mb / 23P
PowerTOPLED, a powerful member of the TOPLED family.
Version 1.2 2022-09-01
logo
OSRAM GmbH
LOE67B-U2AA-24-1 OSRAM-LOE67B-U2AA-24-1 Datasheet
175Kb / 14P
Power TOPLED Enhanced optical Power LED (HOP2000)
logo
ams AG
LOE67B-U2AA-24-1 AMSCO-LOE67B-U2AA-24-1 Datasheet
1Mb / 23P
PowerTOPLED, a powerful member of the TOPLED family.
Version 1.2 2022-09-01
More results

Similar Description - LOE67B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89TTM553 IDT-89TTM553 Datasheet
374Kb / 30P
Traffic Manager Co-processor
logo
Dialight Corporation
433-1110-000XL DIALIGHT-433-1110-000XL Datasheet
125Kb / 1P
LED Traffic Modules
logo
OSRAM GmbH
LAE63B OSRAM-LAE63B Datasheet
369Kb / 21P
Traffic lights
LVW5AM OSRAM-LVW5AM Datasheet
999Kb / 23P
Traffic lights and signaling
logo
ADL Embedded Solutions
ADLS15PC ADL-ADLS15PC_18 Datasheet
609Kb / 4P
Traffic technology
logo
OSRAM GmbH
GWQSLM31.QM OSRAM-GWQSLM31.QM Datasheet
4Mb / 25P
Area Lights
logo
Balluff Korea Ltd.
BAE00WA BALLUFF-BAE00WA Datasheet
118Kb / 2P
Machine Lights
0.41_2021-09-01
BAE00Y4 BALLUFF-BAE00Y4 Datasheet
117Kb / 2P
Machine Lights
0.44_2021-05-20
BAE011E BALLUFF-BAE011E Datasheet
121Kb / 2P
Machine Lights
0.24_2021-05-20
logo
Renesas Technology Corp
89TTM553 RENESAS-89TTM553 Datasheet
547Kb / 31P
Traffic Manager Co-processor
March 3, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com