Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBPC06 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # KBPC06
Description  Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

KBPC06 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  KBPC06 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd KBPC06 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
www.21yangjie.com
S-C047
Rev. 1.2,28-Apr-14
KBPC5004 THRU KBPC5016
桥式整流器 Bridge Rectifier
■特征 Features
■外形尺寸和印记
Outline Dimensions and Mark
●
Io
50A
●
VRRM
400V~1600V
●
耐正向浪涌电流能力高
High surge forward current capability
■用途 Applications
●
作一般电源单相桥式整流用
General purpose 1 phase Bridge
rectifier applications
■极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
KBPC
04
06 08 10
12 14
16
反向重复峰值电压
Repetitive Peak Reverse
Voltage
VRRM
V
400 600 800 1000 1200 1400 1600
平均整流输出电流
Average Rectified Output
Current
IO
A
60Hz正弦波,
电阻负载
60Hz sine
wave, R-load
用散热器 Tc=55℃
With heatsink Tc=55℃
50
正向(不重复)浪涌电流
Surge(Non-
repetitive)Forward Current
IFSM
A
60HZ正弦波,一个周期,Ta=25℃
60HZ sine wave, 1 cycle, Ta=25℃
500
正向浪涌电流的平方对电流
浪涌持续时间的积分值
Current Squared Time
I
2t
A
2S
1ms≤t<8.3ms Tj=25℃,单个二极管
1ms≤t<8.3ms Tj=25℃,Rating of per diode
1040
存储温度
Storage Temperature
Tstg
℃
-55 ~+150
结温
Junction Temperature
Tj
℃
-55~+125
绝缘耐压
Dielectric Strength
Vdis
KV
端子与外壳之间外加交流电,一分钟
Terminals to case,AC 1 minute
2.5
安装扭矩
Mounting Torque
TOR
kg·cm
推荐值:10kg·cm
Recommend torque:10kg·cm
20
■电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
最大值
Max
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=25A, 脉冲测试,单个二极管的额定值
IFM=25A, Pulse measurement, Rating of per diode
1.1
反向峰值电流
Peak Reverse Current
IRRM
μA
VRM=VRRM ,脉冲测试,单个二极管的额定值
VRM=VRRM , Pulse measurement, Rating of per diode
10
热阻
Thermal Resistance
RθJ-C
℃/W
结和桥壳之间,用散热片
Between junction and case, With heatsink
0.7
1.13(28.8)
1.11(28.2)
1.134(28.8)
1.110(28.2)
.488(12.4)
.409(10.4)
Hole for
No.10 Screw
.193"(4.9)diam.
.681(17.3)
.602(15.3)
.033(0.85)
.029(0.75)
.087(2.4)
.102(2.6)
DIA
Hole for
No.10 Screw
.193"(4.9)diam.
1.13(28.8)
1.11(28.2)
1.134(28.8)
1.110(28.2)
METAL
.681(17.3)
.602(15.3)
.598(15.2)
.519(13.2)
.251(6.4)
.244(6.2)
.441(11.2)
.425(10.8)
.846
(21.5)MIN.
.441(11.2)
.425(10.8)
1.200
(30.5)MIN.
.751(19.1)
.673(17.1)
.751(19.1)
.673(17.1)
.751(19.1)
.673(17.1)
Dimensions in inches and millimeters
COMPLIANT
RoHS


Similar Part No. - KBPC06

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
KBPC06 ZSELEC-KBPC06 Datasheet
387Kb / 2P
25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBPC06 ZSELEC-KBPC06 Datasheet
387Kb / 2P
15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBPC06 ZSELEC-KBPC06 Datasheet
388Kb / 2P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Leshan Radio Company
KBPC0610 LRC-KBPC0610 Datasheet
56Kb / 2P
6.0A BRIDGE RECTIFIERS
More results

Similar Description - KBPC06

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
Bridge Rectifier
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Zowie Technology Corpor...
Z4GP30MPH ZOWIE-Z4GP30MPH Datasheet
66Kb / 4P
Bridge Rectifier
Z4SGP30MDPH ZOWIE-Z4SGP30MDPH Datasheet
64Kb / 2P
Bridge Rectifier
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005_18 Datasheet
1Mb / 2P
BRIDGE RECTIFIER
logo
SiPower Inc.
T1ZBFDIP SIPOWER-T1ZBFDIP Datasheet
321Kb / 2P
Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com