Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEBP1W Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LEBP1W
Description  Projection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBP1W Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LEBP1W Datasheet HTML 5Page - OSRAM GmbH LEBP1W Datasheet HTML 6Page - OSRAM GmbH LEBP1W Datasheet HTML 7Page - OSRAM GmbH LEBP1W Datasheet HTML 8Page - OSRAM GmbH LEBP1W Datasheet HTML 9Page - OSRAM GmbH LEBP1W Datasheet HTML 10Page - OSRAM GmbH LEBP1W Datasheet HTML 11Page - OSRAM GmbH LEBP1W Datasheet HTML 12Page - OSRAM GmbH LEBP1W Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Version 1.13
LE B P1W
2017-06-12
9
Forward Current 6) page 20 , 4) page 20
Durchlassstrom 6) Seite 20 , 4) Seite 20
IF = f (VF); TJ = 25 °C; all dies operated in parallel
Relative Radiant Power 6) page 20 , 4) page 20
Relative Strahlungsleistung 6) Seite 20 , 4) Seite 20
ΦE/ΦE(12000 mA) = f(IF); TJ = 25 °C; all dies
operated in parallel
Dominant Wavelength 6) page 20
Dominante Wellenlänge 6) Seite 20
Δλdom = f(IF); TJ = 25 °C
LE B P1W
2,4 2,6 2,8 3,0 3,2 3,4 3,6 3,8 4,0
VF [V]
2000
4000
6000
8000
10000
12000
14000
16000
IF [mA]
LE B P1W
20
00
40
00
60
00
80
00
10
00
0
12
00
0
14
00
0
16
00
0
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
ΦE
ΦE(12000mA)
LE B P1W
20
00
40
00
60
00
80
00
10
00
0
12
00
0
14
00
0
16
00
0
IF [mA]
-4
-2
0
2
4
∆λ
dom [nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com