Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8L18006FSC Datasheet(PDF) 25 Page - Zilog, Inc.

Part # Z8L18006FSC
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8L18006FSC Datasheet(HTML) 25 Page - Zilog, Inc.

Back Button Z8L18006FSC Datasheet HTML 21Page - Zilog, Inc. Z8L18006FSC Datasheet HTML 22Page - Zilog, Inc. Z8L18006FSC Datasheet HTML 23Page - Zilog, Inc. Z8L18006FSC Datasheet HTML 24Page - Zilog, Inc. Z8L18006FSC Datasheet HTML 25Page - Zilog, Inc. Z8L18006FSC Datasheet HTML 26Page - Zilog, Inc. Z8L18006FSC Datasheet HTML 27Page - Zilog, Inc. Z8L18006FSC Datasheet HTML 28Page - Zilog, Inc. Z8L18006FSC Datasheet HTML 29Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-25
1
AC CHARACTERISTICS
Vcc = 5V + 10%, Vss = 0V, TA - 0 to +70° C, unless otherwise noted.
No.
Symbol Item
Z80180-6
Z80180-8
Z80180-10
Unit
Min.
Max.
Min.
Max.
Min.
Max.
1.
tcyc
Clock Cycle Time
162
2000
125
2000
100
2000
ns
2.
tCHW
Clock “H” Pulse Width
65
–
50
–
40
–
ns
3.
tCLW
Clock “L” Pulse Width
65
–
50
–
40
–
ns
4.
tcf
Clock Fall Time
–
15
–
15
–
10
ns
5.
tcr
Clock Rise Time
–
15
–
15
–
10
ns
6.
tAD
ØRise to Address Valid Delay
–
90
–
80
–
70
ns
7.
tAS
Address Valid to /MREQ Fall or /IORQ Fall)
30–20–10–
ns
8.
tMED1
Ø Fall to /MREQ Fall Delay
–60–50–50
ns
9.
tRDD1
Ø Fall to /RD Fall Delay
/IOC = 1
–60–50–50
ns
Ø Rise to /RD Rise Delay
/IOC = 0
–65–60–55
10.
tM1D1
Ø Rise to /M1 Fall Delay
–80–70–60
ns
11.
tAH
Address Hold Time from
(/MREQ, /IOREQ, /RD, /WR)
35–20–10–
ns
12.
tMED2
Ø Fall to /MREQ Rise Delay
–60–50–50
ns
13.
tRDD2
Ø Fall to /RD Rise Delay
–60–50–50
ns
14.
tM1D2
Ø Rise to /M1 Rise Delay
–80–
70*
–60
ns
15.
tDRS
Data Read Set-up Time
40
–
30
–
25
–
ns
16.
tDRH
Data Read Hold Time
0–0–0–
ns
17.
tSTD1
Ø Fall to ST Fall Delay
–90–70–60
ns
18.
tSTD2
Ø Fall to ST Rise Delay
–90–70–60
ns
19.
tWS
/WAIT Set-up Time to Ø Fall
40
–
40
–
30
–
ns
20.
tWH
/WAIT Hold Time from Ø Fall
40
–
40
–
30
–
ns
21.
tWDZ
Ø Rise to Data Float Delay
–
95
–
70
–
60
ns
22.
tWRD1
Ø Rise to /WR Fall Delay
–65–60–50
ns
23.
tWDD
Ø Fall to Write Data Delay Time
–
90
–
80
–
60
ns
24.
tWDS
Write Data Set-up Time to /WR Fall
40
–
20
–
15
–
ns
25.
tWRD2
Ø Fall to /WR Rise Delay
–80–60–50
ns
26.
tWRP
/WR Pulse Width
170
–
130
–
110
–
ns
26a.
/WR Pulse Width (I/O Write Cycle)
332
–
255
–
210
–
ns
27.
tWDH
Write Data Hold Time from (/WR Rise
)
40–15–10–
28.
tIOD1
Ø Fall to /IORQ Fall Delay
/IOC = 1
–60–50–50
ns
Ø Rise to /IORQ Fall Delay
/IOC = 1
–65–60–55
29.
tIOD2
Ø Fall to /IORQ Rise Delay
–60–50–50
ns
30.
tIOD3
/M1 Fall to /IORQ Fall Delay
340
–
250
–
200
–
ns
31.
tINTS
/INT Set-up Time to Ø Fall
40
–
40
–
30
–
ns
32.
tINTS
/INT Hold Time from Ø Fall
40
–
40
–
30
–
ns
33.
tNMIW
/NMI Pulse Width
120
–
100
–
80
–
ns
34.
tBRS
/BUSREQ Set-up Time to Ø Fall
40
–
40
–
30
–
ns
35.
tBRH
/BUSREQ Hold Time from Ø Fall
40
–
40
30
ns
36.
tBAD1
Ø Rise to /BUSACK Fall Delay
–95–70–60
ns
37.
tBAD2
Ø Fall to /BUSACK Rise Delay
–90–70–60
ns
38.
tBZD
Ø Rise to Bus Floating Delay Time
–
125
–
90
–
80
ns
39.
tMEWH /MREQ Pulse Width (HIGH)
110
–
90
–
70
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com