Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FR107P Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # FR107P
Description  VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

FR107P Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  FR107P Datasheet HTML 1Page - PACELEADER INDUSTRIAL FR107P Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FEATURES
* Fast switching
Halogen free product for packing code suffix "H"
* Low leakage
RoHS product for packing code suffix "G"
* Low forward voltage drop
* High current capability
* High surge capability
* High reliability
ESD Protection>15 Kilovolts
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
FR101 THRU FR107
DO-41
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
1.0
30
15
-65 to + 150
Amps
pF
0 C
35
100
200
140
70
100
200
400
280
400
600
420
600
600
400
600
800
560
800
1000
700
1000
1000
700
1000
UNITS
FR101 FR102 FR103 FR104 FR105 FR105P FR106 FR107 FR107P
at Rated DC Blocking Voltage TA = 25
oC
CHARACTERISTICS
Maximum Full Load Reverse Current Full Cycle
Average, .375” (9.5mm) lead length at TL = 55
oC
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
UNITS
1.3
100
150
250
500
uAmps
uAmps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
FR101 FR102 FR103 FR104 FR105 FR105P FR106 FR107 FR107P
150
250
*
*
.107(2.70)
.080(2.00)
.034(0.90)
.028(0.70)
.205(5.20)
.16
5(4.19)
1
www.paceleader.tw
FAST RECOVERY RECTIFIER
50
50
5.0


Similar Part No. - FR107P

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR107P RECTRON-FR107P Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Leshan Radio Company
FR107P LRC-FR107P Datasheet
52Kb / 2P
1A FAST RECOVERY DIODES
logo
Formosa MS
FR107P FORMOSA-FR107P Datasheet
59Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
FR107P LRC-FR107P Datasheet
199Kb / 7P
Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Fast Switching Rectifiers
FR107PG LRC-FR107PG_15 Datasheet
262Kb / 7P
Glass Passivated Junction Fast Recovery Rectifiers
More results

Similar Description - FR107P

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HER101G RECTRON-HER101G Datasheet
29Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
WILLAS ELECTRONIC CORP
1N4001 WILLAS-1N4001 Datasheet
262Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
DB101 WILLAS-DB101 Datasheet
528Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
DB101 WILLAS-DB101 Datasheet
528Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
1F1 WILLAS-1F1 Datasheet
503Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
1N4001 WILLAS-1N4001 Datasheet
262Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM101 WILLAS-FFM101 Datasheet
43Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
M1 WILLAS-M1 Datasheet
219Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RL1N4001 WILLAS-RL1N4001 Datasheet
469Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Guangdong Youtai Semico...
RS1A UMW-RS1A Datasheet
205Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com