Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR10200CT Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MBR10200CT
Description  10.0A SCHOTTKY BARRIER RECTIFIERS 200V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR10200CT Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MBR10200CT Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR10200CT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
•
High Junction Temperature Capability
•
Low Leakage Current
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR10200CT
200 V
140V
200 V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10 A
TL =100
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms half sine
Maximum
Instantaneous
Forward Voltage
VF
.95V
* Pulse Test: Pulse Width300
µsec, Duty Cycle 1%
IFM = 10A
TJ =25
°C
Maximum Ratings
•
Operating J unction Temperature : 150
°C
•
Storage Temperature: - 65
°C to +150°C
•
Type Thermal Resistance 2.5°C/W Junction to Case
Maximum
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
TJ = 25
°C
50m A
TJ = 125
°C
TO-220AB
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0 and MSL Rating 1
*
*
•
•
Marking: Type Number
Note:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Mounting Torgue: 5 in-lbs Maximum
•
10.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR10200CT
Dimensions in inches and (millimeters)
.190(4.83)
.210(5.33)
.190(2.29)
.110(2.79)
.380(9.65)
.420(10.67)
.140(3.56)
.190(4.82)
.045(1.14)
.055(1.39)
.050(1.27)
.050(1.14)
.060(1.52)
.080(2.04)
.115(2.92)
.012(0.30)
.025(0.64)
1
www.paceleader.tw
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


Similar Part No. - MBR10200CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR10200CT ETC-MBR10200CT Datasheet
222Kb / 1P
10 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200Volts
logo
Taiwan Semiconductor Co...
MBR10200CT TSC-MBR10200CT Datasheet
99Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10200CT TSC-MBR10200CT Datasheet
169Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10200CT TSC-MBR10200CT Datasheet
96Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBR10200CT KEC-MBR10200CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
More results

Similar Description - MBR10200CT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SR1020 LUGUANG-SR1020 Datasheet
189Kb / 2P
10.0A Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SP1040C WILLAS-SP1040C Datasheet
322Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SP1040 WILLAS-SP1040 Datasheet
871Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040C WILLAS-SR1040C Datasheet
317Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040 WILLAS-SR1040 Datasheet
543Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Formosa MS
SKFM1020C-D2 FORMOSA-SKFM1020C-D2 Datasheet
169Kb / 7P
10.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
logo
Nanjing International G...
SR1045-10A-DO-27 DGNJDZ-SR1045-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
logo
PACELEADER INDUSTRIAL
MBR10200FCT PACELEADER-MBR10200FCT Datasheet
400Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS 200V
SP1040C PACELEADER-SP1040C Datasheet
446Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040C PACELEADER-SR1040C Datasheet
442Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com