Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7310 Datasheet(PDF) 21 Page - Analog Devices

Part # ADT7310
Description  16-Bit Digital SPI Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7310 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADT7310 Datasheet HTML 17Page - Analog Devices ADT7310 Datasheet HTML 18Page - Analog Devices ADT7310 Datasheet HTML 19Page - Analog Devices ADT7310 Datasheet HTML 20Page - Analog Devices ADT7310 Datasheet HTML 21Page - Analog Devices ADT7310 Datasheet HTML 22Page - Analog Devices ADT7310 Datasheet HTML 23Page - Analog Devices ADT7310 Datasheet HTML 24Page - Analog Devices ADT7310 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ADT7310
Data Sheet
Rev. A | Page 20 of 24
C3
C2
C5
C4
DIN
C7
C6
C1
D2
D1
D0
C0
16-BIT DATA
5
24
6
7
8
9
10
11
12
13
14
15
16
22
23
SCLK
1
2
3
4
D14
D13
17
CS
R/W
REGISTER ADDR
0
0
0
CONT
READ
D12
D11
D10
D9
D8
D7
D15
DOUT
8-BIT COMMAND BYTE
Figure 21. Read from a 16-Bit Register
READING DATA
A read transaction begins when the master writes the command
byte to the ADT7310 with the read/write bit set to 1. The master
then supplies 8 or 16 clock pulses, depending on the addressed
register, and the ADT7310 clocks out data from the addressed
register on the DOUT line. Data is clocked out on the first
falling edge of SCLK following the command byte.
The read transaction finishes when the master takes CS high.
The master must begin a new read transaction on the bus for
every register read. Only one register is read per bus transaction.
However, in continuous read mode, Command Byte C2 = 1, and
the temperature value register can be read from continuously.
The master sends 16 clock pulses on SCLK, and the temperature
value is clocked out on DOUT.
INTERFACING TO DSPs OR MICROCONTROLLERS
The ADT7310 can be operated with CS used as a frame syn-
chronization signal. This scheme is useful for DSP interfaces.
In this case, the first bit (MSB) is effectively clocked out by CS
because CS normally occurs after the falling edge of SCLK in
DSPs. SCLK can continue to run between data transfers,
provided that the timing numbers are obeyed.
CS can be tied to ground, and the serial interface can be
operated in a 3-wire mode. DIN, DOUT, and SCLK are
used to communicate with the ADT7310 in this mode.
For microcontroller interfaces, it is recommended that SCLK
idle high between data transfers.
SERIAL INTERFACE RESET
The serial interface can be reset by writing a series of 1s on the
DIN input. If a Logic 1 is written to the ADT7310 line for at
least 32 serial clock cycles, the serial interface is reset. This
ensures that the interface can be reset to a known state if the
interface gets lost due to a software error or some glitch in the
system. Reset returns the interface to the state in which it is
expecting a write to the communications register. This opera-
tion resets the contents of all registers to their power-on values.
Following a reset, the user should allow a period of 500 µs
before addressing the serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com