Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPM67K Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LPM67K
Description  Information Displays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LPM67K Datasheet(HTML) 1 Page - OSRAM GmbH

  LPM67K Datasheet HTML 1Page - OSRAM GmbH LPM67K Datasheet HTML 2Page - OSRAM GmbH LPM67K Datasheet HTML 3Page - OSRAM GmbH LPM67K Datasheet HTML 4Page - OSRAM GmbH LPM67K Datasheet HTML 5Page - OSRAM GmbH LPM67K Datasheet HTML 6Page - OSRAM GmbH LPM67K Datasheet HTML 7Page - OSRAM GmbH LPM67K Datasheet HTML 8Page - OSRAM GmbH LPM67K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2014-10-30
1
2014-10-30
Mini TOPLED
Datasheet
Version 1.2
LP M67K
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
resin
Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Technology: InGaAlP
Technologie: InGaAlP
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: pure green (560 nm)
Farbe: pure green (560 nm)
• Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Information Displays
Informationsanzeigen
• Optical Indicator
Optischer Indikator
• Coupling into light guides
Einkopplung in Lichtleiter
• Backlighting
Hinterleuchtung
• Automotive Interior Lighting
Automobilbeleuchtung innen
• Signal and Symbol Luminary
Signal- und Symbolleuchten


Similar Part No. - LPM67K

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LPM67K-D2G1 TO-GRACE-LPM67K-D2G1 Datasheet
1Mb / 11P
Low Current Mini SMD LED
logo
OSRAM GmbH
LPM67K-D2G1-25 OSRAM-LPM67K-D2G1-25 Datasheet
501Kb / 20P
white SMT package, colorless clear resin
logo
HK TO-GRACE TECHNOLOGY ...
LPM67K-E2G1 TO-GRACE-LPM67K-E2G1 Datasheet
1Mb / 11P
Low Current Mini SMD LED
More results

Similar Description - LPM67K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOM67K OSRAM-LOM67K Datasheet
501Kb / 20P
Information Displays
LOT64F OSRAM-LOT64F Datasheet
2Mb / 24P
Information Displays
LRT66F OSRAM-LRT66F Datasheet
2Mb / 23P
Information Displays
LRT68F OSRAM-LRT68F Datasheet
545Kb / 22P
Information Displays
LYM67K OSRAM-LYM67K Datasheet
503Kb / 20P
Information Displays
LYQ396 OSRAM-LYQ396 Datasheet
1Mb / 20P
Information Displays
LYT64F OSRAM-LYT64F Datasheet
2Mb / 24P
Information Displays
LYT66F OSRAM-LYT66F Datasheet
706Kb / 23P
Information Displays
LYT68F OSRAM-LYT68F Datasheet
549Kb / 22P
Information Displays
LBT66G OSRAM-LBT66G Datasheet
2Mb / 23P
Information Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com