| Electronic Components Datasheet Search |
|
M24C01-DW6TG Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01-DW6TG Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 29 page ![]() 15/29 M24C16, M24C08, M24C04, M24C02, M24C01 Table 8. AC Measurement Conditions Figure 10. AC Measurement I/O Waveform Table 9. Input Parameters Note: 1. TA = 25°C, f = 400kHz 2. Sampled only, not 100% tested. Table 10. DC Characteristics (M24Cxx, Device Grade 6) Note: 1. This range is Not for New Design, and will soon be replaced by the M24Cxx-Wxx6 range. Symbol Parameter Min. Max. Unit CL Load Capacitance 100 pF Input Rise and Fall Times 50 ns Input Levels 0.2VCC to 0.8VCC V Input and Output Timing Reference Levels 0.3VCC to 0.7VCC V Symbol Parameter1,2 Test Condition Min. Max. Unit CIN Input Capacitance (SDA) 8 pF CIN Input Capacitance (other pins) 6 pF ZWCL WC Input Impedance VIN < 0.5 V 5 70 k Ω ZWCH WC Input Impedance VIN > 0.7VCC 500 k Ω tNS Pulse width ignored (Input Filter on SCL and SDA) Single glitch 100 ns Symbol Parameter Test Condition (in addition to those in Table 5.) Min. Max. Unit ILI Input Leakage Current (SCL, SDA) VIN = VSS or VCC ± 2 µA ILO Output Leakage Current VOUT = VSS or VCC, SDA in Hi-Z ± 2 µA ICC Supply Current VCC=5V, fc=400kHz (rise/fall time < 30ns) 2mA ICC1 Stand-by Supply Current VIN = VSS or VCC , VCC = 5 V 1µA VIL Input Low Voltage (E2, E1, E0, SCL, SDA) –0.45 0.3VCC V Input Low Voltage (WC) –0.45 0.5 V VIH Input High Voltage (E2, E1, E0, SCL, SDA, WC) 0.7VCC VCC+1 V VOL Output Low Voltage IOL = 3 mA, VCC = 5 V 0.4 V AI00825B 0.8VCC 0.2VCC 0.7VCC 0.3VCC Input and Output Timing Reference Levels Input Levels |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |