Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAE63F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LAE63F
Description  Signaling
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAE63F Datasheet(HTML) 1 Page - OSRAM GmbH

  LAE63F Datasheet HTML 1Page - OSRAM GmbH LAE63F Datasheet HTML 2Page - OSRAM GmbH LAE63F Datasheet HTML 3Page - OSRAM GmbH LAE63F Datasheet HTML 4Page - OSRAM GmbH LAE63F Datasheet HTML 5Page - OSRAM GmbH LAE63F Datasheet HTML 6Page - OSRAM GmbH LAE63F Datasheet HTML 7Page - OSRAM GmbH LAE63F Datasheet HTML 8Page - OSRAM GmbH LAE63F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017-10-12
1
2017-10-12
Power TOPLED Lens
Datasheet
Version 1.5
LA E63F
PowerTOPLED with lens, a powerful member of the
TOPLED family. Thanks to their high luminous
efficacy, the LEDs are ideal for rear light clusters and
indicators on vehicles and for display panels for traffic
control systems.
PowerTOPLED mit Linse, ein leistungsstarkes Mitglied
der TOPLED Familie. Dank der hohen Lichtausbeute
eignen sie sich ideal für Heckleuchten und Indikatoren
an Fahrzeugen und für Display-Panels in
Verkehrsleitsysteme.
Features:
Besondere Merkmale:
•
Package: white PLCC-4 package, colorless clear
resin
•
Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser klarer Verguss
•
Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
•
Viewing angle at 50 % I
V: 30°
•
Abstrahlwinkel bei 50 % I
V: 30°
•
Color: amber (617 nm)
•
Farbe: amber (617 nm)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Signaling
•
Signalanlagen
•
Backlighting
•
Hinterleuchtung
•
Automotive Lighting Interior and Exterior
•
Automobilbeleuchtung innen und außen
•
Dashboard Backlighting
•
Instrumentenbeleuchtung
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten


Similar Part No. - LAE63F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAE63F OSRAM-LAE63F Datasheet
405Kb / 22P
Power TOPLED Lens
LAE63F-V1AB-1-1+FBGB-24-1 OSRAM-LAE63F-V1AB-1-1+FBGB-24-1 Datasheet
405Kb / 22P
Power TOPLED Lens
LAE63F OSRAM-LAE63F_16 Datasheet
405Kb / 22P
Power TOPLED Lens
More results

Similar Description - LAE63F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
FZL4145D SIEMENS-FZL4145D Datasheet
109Kb / 10P
Quad Driver Incl. Short-Circuit Signaling
logo
List of Unclassifed Man...
MX803A ETC-MX803A Datasheet
225Kb / 26P
Audio Signaling Processor
LH1263 ETC1-LH1263 Datasheet
649Kb / 15P
LH1263 E&M Signaling Circuit
logo
Systemsensor advanced i...
SS12 SYSTEMSENSOR-SS12 Datasheet
155Kb / 4P
Signaling Strobes
PS12 SYSTEMSENSOR-PS12 Datasheet
238Kb / 4P
Signaling Strobe and Sounder
logo
Asahi Kasei Microsystem...
AK2363 AKM-AK2363 Datasheet
495Kb / 33P
Radio Signaling LSI
logo
Dialight Corporation
D164-B13-001 DIALIGHT-D164-B13-001 Datasheet
427Kb / 8P
SafeSit짰 LED Signaling for Hazardous Locations
logo
Wolfgang Knap
67SMO WK-67SMO Datasheet
114Kb / 1P
Low Voltage Differential Signaling Oscillators
logo
OSRAM GmbH
LVW5AM OSRAM-LVW5AM Datasheet
999Kb / 23P
Traffic lights and signaling
logo
PHOENIX CONTACT
2297536 PHOENIX-2297536 Datasheet
85Kb / 6P
Freely parameterizable signaling or switching thresholds
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com