Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74AC Datasheet(PDF) 37 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 37 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 33Page - Hitachi Semiconductor HD74AC Datasheet HTML 34Page - Hitachi Semiconductor HD74AC Datasheet HTML 35Page - Hitachi Semiconductor HD74AC Datasheet HTML 36Page - Hitachi Semiconductor HD74AC Datasheet HTML 37Page - Hitachi Semiconductor HD74AC Datasheet HTML 38Page - Hitachi Semiconductor HD74AC Datasheet HTML 39Page - Hitachi Semiconductor HD74AC Datasheet HTML 40Page - Hitachi Semiconductor HD74AC Datasheet HTML 41Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Design Considerations
36
a: No Termination
b: Series Termination
c: Parallel Termination
d: AC Parallel Termination
e: Thevenin Termination
Figure 8 Termination Schemes
There are several termination schemes which may be used (figure 8). Included are series, parallel, AC
parallel and Thevenin terminations. AC parallel and series terminations are the most useful for low power
applications since they do not consume any DC power. Parallel and Thevenin terminations cause high DC
power consumption.
2.1 Series Terminations
Series terminations are most useful in high-speed applications where most of the loads are at the far end of
the line. Loads that are between the driver and the end of the line will receive a two-step waveform. The
first wave will be the incident wave. The amplitude is dependent upon the output impedance of the driver,
the value of the series resistor and the impedance of the line according to the formula
V
W = VCC · Zoe/(Zoe + RS + ZS)
The amplitude will be one-half the voltage swing if R
S (the series resistor) plus the output impedance (ZS)
of the driver is equal to the line impedance. The second step of the waveform is the reflection from the end
of the line and will have an amplitude equal to that of the first step. All devices on the line will receive a
valid level only after the wave has propagated down the line and returned to the driver. Therefore, all
inputs will see the full voltage swing within two times the delay of the line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com