Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDP2D3N10C Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDP2D3N10C
Description  N-Channel Shielded Gate PowerTrench MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDP2D3N10C Datasheet(HTML) 4 Page - ON Semiconductor

  FDP2D3N10C Datasheet HTML 1Page - ON Semiconductor FDP2D3N10C Datasheet HTML 2Page - ON Semiconductor FDP2D3N10C Datasheet HTML 3Page - ON Semiconductor FDP2D3N10C Datasheet HTML 4Page - ON Semiconductor FDP2D3N10C Datasheet HTML 5Page - ON Semiconductor FDP2D3N10C Datasheet HTML 6Page - ON Semiconductor FDP2D3N10C Datasheet HTML 7Page - ON Semiconductor FDP2D3N10C Datasheet HTML 8Page - ON Semiconductor FDP2D3N10C Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.onsemi.com
3
Typical Characteristics T
J = 25 °C unless otherwise noted.
Figure 1.
0
123
0
60
120
180
240
300
360
V
GS = 5.5 V
V
GS = 5 V
V
GS = 10 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
VGS = 4.5 V
VGS = 6 V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure 2.
0
60
120
180
240
300
360
0
1
2
3
4
5
6
7
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
VGS = 5 V
ID, DRAIN CURRENT (A)
VGS = 5.5 V
V
GS = 6 V
VGS = 4.5 V
VGS = 10 V
Normalized On- Resistance
vs.DrainCurrentandGateVoltage
Figure 3. Normalized On- Resistance
-75 -50 -25
0
25
50
75
100 125 150 175
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
ID = 100 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC)
vs. Junction Temperature
Figure 4.
456789
10
0
4
8
12
16
TJ = 150 oC
ID = 100 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
On-Resistance vs. Gate to
Source Voltage
Figure 5. Transfer Characteristics
2
3456
7
0
60
120
180
240
300
360
TJ = 175 oC
VDS = 5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
100
400
TJ = -55 oC
TJ = 25 oC
TJ = 175 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs. Source Current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com