Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JCS7HN65C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS7HN65C
Description  Low gate charge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS7HN65C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS7HN65C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7HN65C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7HN65C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7HN65C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7HN65C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7HN65C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7HN65C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7HN65C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7HN65C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
R
版本:201604I
1/18
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
JCS7HN65C
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen
Free
Packaging
器件重量
Device
Weight
JCS7HN65VC-O-V-N-B
JCS7HN65V
IPAK
NO
条管
Tube
0.35 g(typ)
JCS7HN65VC-O-V2-N-B
JCS7HN65V
IPAK-S2
NO
条管
Tube
0.34 g(typ)
JCS7HN65RC-O-R-N-B
JCS7HN65R
DPAK
NO
条管
Tube
0.30 g(typ)
JCS7HN65RC-O-R-N-A
JCS7HN65R
DPAK
NO
编带
Reel
0.30 g(typ)
JCS7HN65CC-O-C-N-B
JCS7HN65C
TO-220C
NO
条管
Tube
2.15 g(typ)
JCS7HN65FC-O-F-N-B
JCS7HN65F
TO-220MF
NO
条管
Tube
2.20 g(typ)
JCS7HN65SC-O-S-N-B
JCS7HN65S
TO-263
NO
条管
Tube
1.37 g(typ)
JCS7HN65SC-O-S-N-A
JCS7HN65S
TO-263
NO
编带
Reel
1.37 g(typ)
JCS7HN65BC-O-B-N-B
JCS7HN65B
TO-262
NO
条管
Tube
1.71 g(typ)
JCS7HN65FC-O-F2-N-B
JCS7HN65F
TO-220MF-K2 否
NO
条管
Tube
1.78 g(typ)
JCS7HN65FC-O-F1-N-B
JCS7HN65F
TO-220MF-K1 否
NO
条管
Tube
1.78 g(typ)
主要参数
MAIN
CHARACTERISTICS
ID
7.0 A
VDSS
650 V
Rdson-max
(@Vgs=10V)
1.35
Qg-typ
32 nC
用途
高频开关电源
电子镇流器
LED 电源
APPLICATIONS
High frequency switching
mode power supply
Electronic ballast
LED
产品特性
低栅极电荷
低 C
rss (典型值 14pF)
开关速度快
产品全部经过雪崩测试
高抗 dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low Crss (typical 14pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息 ORDER MESSAGE
封装 Package


Similar Part No. - JCS7HN65C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS7HN60BC-O-F-N-B JSMC-JCS7HN60BC-O-F-N-B Datasheet
1Mb / 16P
LED power supply
JCS7HN60C JSMC-JCS7HN60C Datasheet
1Mb / 16P
LED power supply
JCS7HN60CC-O-C-N-B JSMC-JCS7HN60CC-O-C-N-B Datasheet
1Mb / 16P
LED power supply
JCS7HN60FC-O-F-N-B JSMC-JCS7HN60FC-O-F-N-B Datasheet
1Mb / 16P
LED power supply
JCS7HN60FC-O-F2-N-B JSMC-JCS7HN60FC-O-F2-N-B Datasheet
1Mb / 16P
LED power supply
More results

Similar Description - JCS7HN65C

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9T15GHJ-HF A-POWER-AP9T15GHJ-HF_14 Datasheet
103Kb / 4P
Low Gate Charge
AP9T16GJ A-POWER-AP9T16GJ_14 Datasheet
268Kb / 6P
Low Gate Charge
AP9T18GH A-POWER-AP9T18GH_14 Datasheet
218Kb / 6P
Low Gate Charge
AP4513GD A-POWER-AP4513GD_14 Datasheet
89Kb / 7P
Low Gate Charge
logo
Kersemi Electronic Co.,...
KSMD540 KERSEMI-KSMD540 Datasheet
658Kb / 4P
Low gate charge.
KSMD3303 KERSEMI-KSMD3303 Datasheet
620Kb / 4P
Low gate charge.
KSMF5N60 KERSEMI-KSMF5N60 Datasheet
670Kb / 4P
Low gate charge.
KSMF6N65 KERSEMI-KSMF6N65 Datasheet
707Kb / 4P
Low gate charge.
logo
JILIN SINO-MICROELECTRO...
JCS6HN65C JSMC-JCS6HN65C Datasheet
1Mb / 16P
Low gate charge
JCS12N65FC JSMC-JCS12N65FC Datasheet
548Kb / 8P
Low gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com