Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JCS10N60C Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS10N60C
Description  LED power supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS10N60C Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS10N60C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
版本
特征
1
10
0.
0.
0.
0.
0.
0.
0.
1.
1.
Dr
C
R
本:201510C
征曲线
EL
1
1
0
V
GS
Top
15V
10V
9V
8V
7V
6.5V
6V
5.5V
Bottom 5V
024
65
70
75
80
85
90
95
00
05
On-Reg
On-Resist
rain Curre
Capacitan
ECTRICAL
V
DS
68
1
V
GS=10V
I
D [A
ion Chara
tance Var
ent and Ga
nce Charac
L CHARAC
10
Notes:
1. 250μs pulse
2. T
C=25
S [V]
012
14
Note :T
j=2
V
GS=20V
A]
acteristics
iation vs.
ate Voltag
cteristics
Ciss
Coss
Crss
CTERISTI
e test
16
18
25
0
1
0
2
4
6
8
10
12
0
s
ge
B
CS (curve
2
0.1
1
10
150
0.1
1
10
0.2
0.3
0.4
150
10
V
DS=
Q
Tran
Body Diod
vs. Sourc
Gate C
es)
46
25
V
0.5
0.6
0.7
0
V
SD
20
V
DS=48
V
DS=300V
120V
Q
g Toltal Gate Ch
nsfer Char
de Forwar
ce Current
Charge Ch
JCS1
8
Notes:
1.250μs p
2.V
DS=40
V
GS [V]
0.8
0.9
1.0
1.1
Notes:
1. 250μs pu
2. V
GS=0V
25
[V]
30
40
80V
arge [nC]
racteristic
rd Voltage
t and Tem
haracterist
10N60C
5/10
10
pulse test
V
1
1.2
1.3
ulse test
50
cs
Variation
mperature
tics
C
n



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com