Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JCS10N65FC Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS10N65FC
Description  Low gate charge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS10N65FC Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS10N65FC Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
R
JCS10N65FC
版本:201510D
1/10
JCS10N65FC
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen
Free
Packaging
器件重量
Device
Weight
JCS10N65FC-O-F-N-B
JCS10N65F TO-220MF
NO
条管
Tube
2.20 g(typ)
JCS10N65FC-O-F2-N-B JCS10N65F TO-220MF-K2 否
NO
条管
Tube
2.00 g(typ)
封装
Package
主要参数
MAIN CHARACTERISTICS
ID
10 A
VDSS
650 V
Rdson-max
(@Vgs=10V)
1.0
Qg-Typ
54 nC
用途
高频开关电源
电子镇流器
LED 电源
APPLICATIONS
High efficiency switch
mode power supplies
Electronic lamp ballasts
based on half bridge
LED power supplies
产品特性
低栅极电荷
Crss (典型值 18pF)
开关速度快
产品全部经过雪崩测试
高抗
dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low Crss (typical 18pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息
ORDER MESSAGE


Similar Part No. - JCS10N65FC

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS10N65FEI-F-B JSMC-JCS10N65FEI-F-B Datasheet
745Kb / 15P
N-CHANNEL MOSFET
202104B
JCS10N65FEI-F-BR JSMC-JCS10N65FEI-F-BR Datasheet
745Kb / 15P
N-CHANNEL MOSFET
202104B
JCS10N65FEI-F1-B JSMC-JCS10N65FEI-F1-B Datasheet
745Kb / 15P
N-CHANNEL MOSFET
202104B
JCS10N65FEI-F1-BR JSMC-JCS10N65FEI-F1-BR Datasheet
745Kb / 15P
N-CHANNEL MOSFET
202104B
JCS10N65FEI-F2-B JSMC-JCS10N65FEI-F2-B Datasheet
745Kb / 15P
N-CHANNEL MOSFET
202104B
More results

Similar Description - JCS10N65FC

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9T15GHJ-HF A-POWER-AP9T15GHJ-HF_14 Datasheet
103Kb / 4P
Low Gate Charge
AP9T16GJ A-POWER-AP9T16GJ_14 Datasheet
268Kb / 6P
Low Gate Charge
AP9T18GH A-POWER-AP9T18GH_14 Datasheet
218Kb / 6P
Low Gate Charge
AP4513GD A-POWER-AP4513GD_14 Datasheet
89Kb / 7P
Low Gate Charge
logo
Kersemi Electronic Co.,...
KSMD540 KERSEMI-KSMD540 Datasheet
658Kb / 4P
Low gate charge.
KSMD3303 KERSEMI-KSMD3303 Datasheet
620Kb / 4P
Low gate charge.
KSMF5N60 KERSEMI-KSMF5N60 Datasheet
670Kb / 4P
Low gate charge.
KSMF6N65 KERSEMI-KSMF6N65 Datasheet
707Kb / 4P
Low gate charge.
logo
JILIN SINO-MICROELECTRO...
JCS6HN65C JSMC-JCS6HN65C Datasheet
1Mb / 16P
Low gate charge
JCS12N65FC JSMC-JCS12N65FC Datasheet
548Kb / 8P
Low gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com