Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTMFS10N3D2C Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMFS10N3D2C
Description  N-Channel Shielded Gate PowerTrench MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS10N3D2C Datasheet(HTML) 2 Page - ON Semiconductor

  NTMFS10N3D2C Datasheet HTML 1Page - ON Semiconductor NTMFS10N3D2C Datasheet HTML 2Page - ON Semiconductor NTMFS10N3D2C Datasheet HTML 3Page - ON Semiconductor NTMFS10N3D2C Datasheet HTML 4Page - ON Semiconductor NTMFS10N3D2C Datasheet HTML 5Page - ON Semiconductor NTMFS10N3D2C Datasheet HTML 6Page - ON Semiconductor NTMFS10N3D2C Datasheet HTML 7Page - ON Semiconductor NTMFS10N3D2C Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.onsemi.com
Semiconductor Components Industries, LLC, 2017
Publication Order Number:
March, 2017, Rev. 1.0
NTMFS10N3D2C/D
1
NTMFS10N3D2C
N-Channel
Shielded Gate PowerTrench® MOSFET
100 V, 151 A, 3.2 m
Ω
Features
Shielded Gate MOSFET Technology
Max rDS(on) = 3.2 mΩ at VGS = 10 V, ID = 67 A
Max rDS(on) = 7.9 mΩ at VGS = 6 V, ID = 33 A
50% Lower Qrr than Other MOSFET Suppliers
Lowers Switching Noise/EMI
MSL1 Robust Package Design
100% UIL Tested
RoHS Compliant
General Description
This
N-Channel
MV
MOSFET
is
produced
using
ON
Semiconductor’s
advanced
PowerTrench®
process
that
incorporates Shielded Gate technology. This process has been
optimized to minimize on-state resistance and yet maintain
superior switching performance with best in class soft body
diode.
Applications
Primary DC-DC MOSFET
Synchronous Rectifier in DC-DC and AC-DC
Motor Drive
Solar
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
100
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous
TC = 25 °C
(Note 5)
151
A
-Continuous
TC = 100 °C
(Note 5)
95
-Continuous
TA = 25 °C
(Note 1a)
21
-Pulsed
(Note 4)
775
EAS
Single Pulse Avalanche Energy
(Note 3)
486
mJ
PD
Power Dissipation
TC = 25 °C
138
W
Power Dissipation
TA = 25 °C
(Note 1a)
2.7
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
0.9
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
45
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
NTMFS10N3D2C
NTMFS10N3D2C
Power 56
13 ’’
12 mm
3000 units
Bottom
Power 56
Top
Pin 1
G
S
S
S
D
D
D
D
D
D
D
D
S
S
S
G
Pin 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com