Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTT-80V331MKMTQ-R5 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # RTT-80V331MKMTQ-R5
Description  FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTT]
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

RTT-80V331MKMTQ-R5 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  RTT-80V331MKMTQ-R5 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc RTT-80V331MKMTQ-R5 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
PrintPDF
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTT]
RTT-80V331MKMTQ-R5
Features
Item Summary
330uF±20%, 80V, φ18x21.5mm, SMD
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
75
Products characteristics table
Capacitance
330 uF ± 20 %
Rated Voltage
80 V
tanδ (max)
0.12
Operating Temp. Range
-40 to +125 ℃
Leakage current (min)
264 uA at 2 min
Rated Ripple (max)
1000 mArms at 100k Hz / 125 ℃
Impedance ratio
2
___[-25℃/+20℃]
Impedance ratio
3
___[-40℃/+20℃]
ESR (max)
0.12 Ω at 100k Hz / 20 ℃
Endurance
5000 hr at 125 ℃
___[Test time]
Endurance
Within ±30% of initial value
___[Capacitance change]
Endurance
300% or less of initial specified value
___[tanδchange]
Shape
Vertical Chip
for Vibration (SMD)
Type
High Temperature, Low ESR, high ripple curre
nt
RoHS2 Compliance
Yes
REACH Compliance
Yes
Soldering
Reflow
LeadForming/Taping
Taping Embossed
External Dimensions
Dimension φD
φ18 ±0.5 mm
Dimension L
21.5 ±0.5 mm
Dimension P (F)
Typ 7.2 mm
Dimension C (d)
Typ 6.6 mm
2017.12.08
1 / 1


Similar Part No. - RTT-80V331MKMTQ-R5

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RTT-80V331MKMT-R5 TAIYO-YUDEN-RTT-80V331MKMT-R5 Datasheet
250Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTT]
More results

Similar Description - RTT-80V331MKMTQ-R5

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RTT-16V221MG10SUQ-R2 TAIYO-YUDEN-RTT-16V221MG10SUQ-R2 Datasheet
250Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTT]
RTT-16V332MKMTQ-R5 TAIYO-YUDEN-RTT-16V332MKMTQ-R5 Datasheet
250Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTT]
RTT-35V102MKMTQ-R5 TAIYO-YUDEN-RTT-35V102MKMTQ-R5 Datasheet
250Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTT]
RTT-63V101MIETQ-R5 TAIYO-YUDEN-RTT-63V101MIETQ-R5 Datasheet
250Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTT]
RTT-50V330MG10SUQ-R2 TAIYO-YUDEN-RTT-50V330MG10SUQ-R2 Datasheet
251Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTT]
RTT-63V330MH10SUQ-R2 TAIYO-YUDEN-RTT-63V330MH10SUQ-R2 Datasheet
251Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTT]
RTT-63V470MG10SUQ-R2 TAIYO-YUDEN-RTT-63V470MG10SUQ-R2 Datasheet
251Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTT]
RTT-63V101MIEKTQ-R5 TAIYO-YUDEN-RTT-63V101MIEKTQ-R5 Datasheet
252Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTT]
RTT-80V331MKMKTQ-R5 TAIYO-YUDEN-RTT-80V331MKMKTQ-R5 Datasheet
252Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTT]
RTT-100V470MIEKTQ-R5 TAIYO-YUDEN-RTT-100V470MIEKTQ-R5 Datasheet
252Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTT]
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com