Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

14002-024KESA/HR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 14002-024KESA/HR
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

14002-024KESA/HR Datasheet(HTML) 2 Page - Vishay Siliconix

  14002-024KESA/HR Datasheet HTML 1Page - Vishay Siliconix 14002-024KESA/HR Datasheet HTML 2Page - Vishay Siliconix 14002-024KESA/HR Datasheet HTML 3Page - Vishay Siliconix 14002-024KESA/HR Datasheet HTML 4Page - Vishay Siliconix 14002-024KESA/HR Datasheet HTML 5Page - Vishay Siliconix 14002-024KESA/HR Datasheet HTML 6Page - Vishay Siliconix 14002-024KESA/HR Datasheet HTML 7Page - Vishay Siliconix 14002-024KESA/HR Datasheet HTML 8Page - Vishay Siliconix 14002-024KESA/HR Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DLA 14002
www.vishay.com
Vishay
Revision: 12-Apr-16
2
Document Number: 40172
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
4.7
C
6.8
C / D
10
C
R
15
B
B
D / R
R
22
B
R
R
33
D / R
R
47
R
D / R
R
68
R
D / R
100
R
C / D
R
R
120
D / R
R
150
D / R
D
R
180
R
R
220
D / R
D / R
R
270
D
330
R
C
D / R
R
390
R
470
D
R
680
R
R
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
(μA)
MAX. DF
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
+25 °C
+85 °C
+125 °C
+25 °C
+85 °C
+125 °C
-55 °C
4 VDC AT +85 °C, 2.7 VDC AT +125 °C, 5.2 VDC SURGE AT +85 °C
270
D
14002-001(1)ES(2)/(3)
10.8
108.0
129.6
8
10
12
0.060
330
R
14002-002(1)ES(2)/(3)
13.2
132.0
158.4
8
10
12
0.080
6.3 VDC AT +85 °C, 4 VDC AT +125 °C, 8 VDC SURGE AT +85 °C
180
R
14002-005(1)ES(2)/(3)
10.8
108.0
129.6
8
10
12
0.080
220
D
14002-006(1)ES(2)/(3)
13.9
139.0
166.8
8
10
12
0.065
220
R
14002-007(1)ES(2)/(3)
13.2
132.0
158.4
8
10
12
0.080
330
C
14002-008(1)ES(2)/(3)
20.8
208.0
249.6
8
10
12
0.080
390
R
14002-009(1)ES(2)/(3)
23.4
234.0
280.8
8
10
12
0.045
470
D
14002-010(1)ES(2)/(3)
28.2
282.0
338.4
10
12
15
0.060
680
R
14002-011(1)ES(2)/(3)
40.8
408.0
489.6
12
14
18
0.045
10 VDC AT +85 °C, 7 VDC AT +125 °C, 13 VDC SURGE AT +85 °C
15
B
14002-015(1)ES(2)/(3)
1.5
15.0
18.0
6
8
10
0.550
100
R
14002-016(1)ES(2)/(3)
10.0
100.0
120.0
8
10
12
0.075
120
D
14002-017(1)ES(2)/(3)
12.0
120.0
144.0
8
10
12
0.085
120
R
14002-018(1)ES(2)/(3)
12.0
120.0
144.0
8
10
12
0.070
150
D
14002-019(1)ES(2)/(3)
15.0
150.0
180.0
8
10
12
0.075
150
R
14002-020(1)ES(2)/(3)
15.0
150.0
180.0
8
10
12
0.065
220
D
14002-021(1)ES(2)/(3)
22.0
220.0
264.0
8
10
12
0.065
220
R
14002-022(1)ES(2)/(3)
22.0
220.0
264.0
8
10
12
0.055
330
D
14002-023(1)ES(2)/(3)
33.0
330.0
396.0
8
10
12
0.065
330
R
14002-024(1)ES(2)/(3)
33.0
330.0
396.0
8
10
12
0.045
470
R
14002-025(1)ES(2)/(3)
47.0
470.0
564.0
8
10
12
0.045
680
R
14002-026(1)ES(2)/(3)
68.0
680.0
816.0
14
17
21
0.045
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Surge current: A, B, C, Z
(3) Packaging: blank, /HR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com