Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM74C908 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C908
Description  Dual CMOS 30V Relay Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C908 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM74C908 Datasheet HTML 1Page - National Semiconductor (TI) MM74C908 Datasheet HTML 2Page - National Semiconductor (TI) MM74C908 Datasheet HTML 3Page - National Semiconductor (TI) MM74C908 Datasheet HTML 4Page - National Semiconductor (TI) MM74C908 Datasheet HTML 5Page - National Semiconductor (TI) MM74C908 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at any Input Pin
b
03V to VCC a03V
Voltage at any Output Pin
32V
Operating Temperature Range
MM74C908MM74C918
b
40 Cto a85 C
Operating VCC Range
4V to 18V
Absolute Maximum VCC
19V
ISOURCE
500 mA
Storage Temperature Range (TS)
b
65 Cto a150 C
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Power Dissipation (PD)
Refer to Maximum Power
Dissipation vs Ambient
Temperature Graph
DC Electrical Characteristics MinMax limits apply across temperature range unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical ‘‘1’’ Input Voltage
VCC e 5V
35
V
VCC e 10V
80
V
VIN(0)
Logical ‘‘0’’ Input Voltage
VCC e 5V
15
V
VCC e 10V
20
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 15V VIN e 15V
0005
10
m
A
IIN(0)
Logical ‘‘0’’ Input Current
VCC e 15V VIN e 0V
b
10
b
0005
m
A
ICC
Supply Current
VCC e 15V Outputs Open Circuit
005
15
m
A
Output ‘‘OFF’’ Voltage
VIN e VCC IOUT eb200 mA
b
30
V
CMOSLPTTL INTERFACE
VIN(1)
Logical ‘‘1’’ Input Voltage
MM74C908MM74C918
VCC e 475V
VCC b 15
V
VIN(0)
Logical ‘‘0’’ Input Voltage
MM74C908MM74C918
VCC e 475V
08
V
OUTPUT DRIVE
VOUT
Output Voltage
IOUT eb300 mA VCC t 5V TJ e 25 CVCCb27
VCCb18
V
IOUT eb250 mA VCC t 5V TJ e 65 CVCCb30
VCCb19
V
IOUT eb175 mA VCC t 5V TJ e 150 CVCCb315
VCCb20
V
RON
Output Resistance
IOUT eb300 mA VCC t 5V TJ e 25 C
60
90
X
IOUT eb250 mA VCC t 5V TJ e 65 C
75
12
X
IOUT eb175 mA VCC t 5V TJ e 150 C10
18
X
Output Resistance
055
080
% C
Coefficient
iJA
Thermal Resistance
(Note 3)
100
110
CW
MM74C908MM74C918
(Note 3)
45
55
CW
AC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd1
Propagation Delay
VCC e 5V RL e 50X
150
300
ns
to a Logical ‘‘1’’
CL e 50 pF TA e 25 C
VCC e 10V RL e 50X
65
120
ns
CL e 50 pF TA e 25 C
tpd0
Propagation Delay
VCC e 5V RL e 50X
20
10
m
s
to a Logic ‘‘0’’
CL e 50 pF TA e 25 C
VCC e 10V RL e 50X
40
20
m
s
CL e 50 pF TA e 25 C
CIN
Input Capacitance
(Note 2)
50
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3 iJA measured in free air with device soldered into printed circuit board
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com