Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9865BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9865BCPZ
Description  Broadband Modem Mixed-Signal Front End
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9865BCPZ Datasheet HTML 12Page - Analog Devices AD9865BCPZ Datasheet HTML 13Page - Analog Devices AD9865BCPZ Datasheet HTML 14Page - Analog Devices AD9865BCPZ Datasheet HTML 15Page - Analog Devices AD9865BCPZ Datasheet HTML 16Page - Analog Devices AD9865BCPZ Datasheet HTML 17Page - Analog Devices AD9865BCPZ Datasheet HTML 18Page - Analog Devices AD9865BCPZ Datasheet HTML 19Page - Analog Devices AD9865BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Data Sheet
AD9865
Rev. B | Page 15 of 48
Rx PATH TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = CLKVDD = DVDD = DRVDD = 3.3 V, fOSCIN = fADC = 50 MSPS, low-pass filter disabled, RxPGA = 0 dB, AIN = −1 dBFS,
RIN = 50 Ω, half- or full-duplex interface, default power bias settings.
TIME (ns)
0
80
160
240
320
400
480
560
640
720
512
64
128
192
256
320
384
448
Figure 21. RxPGA Settling Time −12 dB to +48 dB Transition for DC Input
(fADC = 50 MSPS, LPF Disabled)
INPUT FREQUENCY (MHz)
0
5
10
15
20
25
30
35
40
45
50
0
–18
–15
–12
–9
–6
–3
3.3V
3.0V
3.6V
Figure 22. Rx Low-Pass Filter Amplitude Response vs. Supply
(fADC = 50 MSPS, f−3 dB = 33 MHz, RxPGA = 0 dB)
FREQUENCY (MHz)
0
5
10
15
20
25
30
35
140
60
70
80
90
100
110
120
130
TxDAC ISOLATION @ 0dB
IAMP ISOLATION @ 0dB
Figure 23. Rx to Tx Full-Duplex Isolation @ 0 RxPGA Setting
(Note: ATTEN @ RxPGA = x dB = ATTEN @ RxPGA = 0 dB − RxPGA Gain)
TIME (ns)
0
80
160
240
320
400
480
560
640
720
352
320
288
256
224
192
160
128
96
64
Figure 24. RxPGA Settling Time for 0 dB to +5 dB Transition for DC Input
(fADC = 50 MSPS, LPF Disabled)
INPUT FREQUENCY (MHz)
0
5
10
15
20
25
30
35
40
50
45
0
–20
–16
–18
–14
–12
–10
–8
–6
–2
–4
–6dB GAIN
0dB GAIN
+6dB GAIN
+18dB GAIN
+30dB GAIN
+42dB GAIN
Figure 25. Rx Low-Pass Filter Amplitude Response vs. RxPGA Gain
(LPF's f−3 dB = 33 MHz)
FREQUENCY (MHz)
5
105
95
85
75
65
55
45
35
25
15
420
320
10
0
1
2
3
4
5
6
7
8
9
330
340
350
360
370
380
390
400
410
RIN
CIN
Figure 26. Rx Input Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com