Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDMS9409L Datasheet(PDF) 6 Page - ON Semiconductor

Part # FDMS9409L
Description  N-Channel Logic Level PowerTrench MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS9409L Datasheet(HTML) 6 Page - ON Semiconductor

  FDMS9409L Datasheet HTML 1Page - ON Semiconductor FDMS9409L Datasheet HTML 2Page - ON Semiconductor FDMS9409L Datasheet HTML 3Page - ON Semiconductor FDMS9409L Datasheet HTML 4Page - ON Semiconductor FDMS9409L Datasheet HTML 5Page - ON Semiconductor FDMS9409L Datasheet HTML 6Page - ON Semiconductor FDMS9409L Datasheet HTML 7Page - ON Semiconductor FDMS9409L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
5
©2016 Fairchild Semiconductor Corporation
FDMS9409L_F085 Rev. 1.0
Figure 11.
34
56789
10
0
5
10
15
20
25
30
ID = 65A
PULSE DURATION = 250μs
DUTY CYCLE = 0.5% MAX
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 25oC
TJ = 175oC
RDSON vs. Gate Voltage
Figure 12. Normalized RDSON vs. Junction
Temperature
-80
-40
0
40
80
120
160
200
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PULSE DURATION = 250μs
DUTY CYCLE = 0.5% MAX
ID = 65A
VGS = 10V
TJ, JUNCTION TEMPERATURE(oC)
Figure 13.
-80
-40
0
40
80
120
160
200
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VGS = VDS
ID = 250μA
TJ, JUNCTION TEMPERATURE(oC)
Normalized Gate Threshold Voltage vs.
Temperature
Figure 14.
-80
-40
0
40
80
120
160
200
0.90
0.95
1.00
1.05
1.10
ID = 5mA
TJ, JUNCTION TEMPERATURE (oC)
Normalized Drain to Source
Breakdown Voltage vs. Junction Temperature
Figure 15.
0.1
1
10
100
10
100
1000
10000
f = 1MHz
VGS = 0V
Crss
Coss
Ciss
VDS, DRAIN TO SOURCE VOLTAGE (V)
Capacitance vs. Drain to Source
Voltage
Figure 16.
0
5
10
15
20
25
30
35
40
45
50
0
2
4
6
8
10
VDD = 20V
VDD =16V
ID = 65A
VDD = 24V
Qg, GATE CHARGE(nC)
Gate Charge vs. Gate to Source
Voltage
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com