Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCAN90CP02 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN90CP02
Description  1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN90CP02 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  SCAN90CP02 Datasheet HTML 1Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 2Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 3Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 4Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 5Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 6Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 7Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 8Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Connection Diagrams
20071403
LLP Top View
DAP = GND
20071404
LQFP Top View
Configuration Select Truth Table
SEL0
SEL1
EN0
EN1
OUT0
OUT1
Mode
0000
IN0
IN0
1:2 Splitter (IN1 powered down)
0100
IN0
IN1
Dual Channel Repeater
1000
IN1
IN0
Dual Channel Switch
1100
IN1
IN1
1:2 Splitter (IN0 powered down)
0101
IN0
PD
Single Channel Repeater (Channel 1 powered down)
1101
IN1
PD
Single Channel Switch (IN0 and OUT1 powered down)
0010
PD
IN0
Single Channel Switch (IN1 and OUT0 powered down)
0110
PD
IN1
Single Channel Repeater (Channel 0 powered down)
X
X
1
1
PD
PD
Both Channels in Power Down Mode
0001
Invalid State*
1001
Invalid State*
1010
Invalid State*
1110
Invalid State*
PD = Power Down mode to minimize power consumption
X = Don’t Care
* Entering these states is not forbidden, however device operation is not defined in these states.
Pre-emphasis
The pre-emphasis is used to compensate for long or lossy
transmission media. Separate pins are provided for each
output to minimize power consumption. Pre-emphasis is
programmable to be off or to preset values per the Pre-
emphasis Control Selection Table.
Output Characteristics
The output characteristics of the SCAN90CP02 device have
been optimized for point-to-point backplane and cable appli-
cations.
Pre-emphasis Control Selection Table
Channel 0
Channel 1
Pre-emphasis
PEM01
PEM00
PEM11
PEM10
00
0
0
0%
0
1
0
1
25%
1
0
1
0
50%
1
1
1
1
100%
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com