Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFM-60V Datasheet(PDF) 3 Page - CUI INC

Part # CFM-60V
Description  DC AXIAL FAN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-60V Datasheet(HTML) 3 Page - CUI INC

  CFM-60V Datasheet HTML 1Page - CUI INC CFM-60V Datasheet HTML 2Page - CUI INC CFM-60V Datasheet HTML 3Page - CUI INC CFM-60V Datasheet HTML 4Page - CUI INC CFM-60V Datasheet HTML 5Page - CUI INC CFM-60V Datasheet HTML 6Page - CUI INC CFM-60V Datasheet HTML 7Page - CUI INC CFM-60V Datasheet HTML 8Page - CUI INC CFM-60V Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
cui.com
date 12/11/2017
│ page 3 of 15
CUI Inc
│ SERIES: CFM-60V │ DESCRIPTION: DC AXIAL FAN
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage1
12 Vdc input models
24 Vdc input models
4.5
8
12
24
13.8
27.6
Vdc
Vdc
starting voltage2
12 Vdc input models
24 Vdc input models
4.5
8
Vdc
Vdc
Note:
1. See Model section on page 1 for specific input voltage ranges.
2. Starting voltage for model CFM-6010V-130-205 is 6 Vdc.
PERFORMANCE3
parameter
conditions/description
min
typ
max
units
rated speed
at rated voltage, 25°C, after 10 minutes
2200
5700
RPM
air flow
at 0 inch H
2O, see performance curves
12.2
30.4
CFM
static pressure
at 0 CFM, see performance curves
0.04
0.31
inch H
2O
noise
at 1 m
10.7
39.0
dBA
Note:
3. See Model section on page 1 for specific values.
PROTECTIONS / FEATURES4
parameter
conditions/description
min
typ
max
units
auto restart
on all models
rotation detector signal
available on “11” models
tachometer signal
available on “20” models
Notes:
4. See Application Notes for details.
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
insulation resistance of frame
at 500 Vdc between internal stator and positive
lead wire
10
MΩ
dielectric strength
apply 500 Vac for 1 minute between housing and
positive lead wire
safety approvals
UL/cUL 507, TUV (EN 60950-1)
EMI/EMC
EN 61000-6-1:2007, EN 61000-6-3:2007+A1
life expectancy
at 40°C, 65% RH
70,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
70
°C
storage temperature
-40
70
°C
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com