Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAH8011ET Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PAH8011ET
Description  Low Power Optical Heart Rate Monitor Chip
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAH8011ET Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PAH8011ET Datasheet HTML 15Page - Pixart Imaging Inc. PAH8011ET Datasheet HTML 16Page - Pixart Imaging Inc. PAH8011ET Datasheet HTML 17Page - Pixart Imaging Inc. PAH8011ET Datasheet HTML 18Page - Pixart Imaging Inc. PAH8011ET Datasheet HTML 19Page - Pixart Imaging Inc. PAH8011ET Datasheet HTML 20Page - Pixart Imaging Inc. PAH8011ET Datasheet HTML 21Page - Pixart Imaging Inc. PAH8011ET Datasheet HTML 22Page - Pixart Imaging Inc. PAH8011ET Datasheet HTML 23Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
PixArt Imaging Inc.
PAH8011ET Product Datasheet
Low Power Heart Rate Monitor Optical Chip
Version 1.1 | 22 Sep. 2017 | 31009AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Table 8. Register Bank1
Note: Switch to Register Bank1 by writing 0x01 to Reg-0x7F
Address Register Name
Access Default Address Register Name
Access Default
0x00
ChT_Touch_Function
R/W
0x03
0x2B
ChA_ADC_Samp_Num
R/W
0x02
0x02
ChT_ExpoTime
R/W
0x28
0x2C
ChB_ADC_Samp_Num
R/W
0x02
0x03
ChT_LEDDAC
R/W
0x50
0x2D
ChC_ADC_Samp_Num
R/W
0x02
0x04
Touch_UpperTH_LB
R/W
0x00
0x2E
ADC_Normalized_EnL
R/W
0x00
0x05
Touch_UpperTH_HB
R/W
0x07
0x2F
Wr_Data_Truncate
R/W
0x0A
0x07
Touch_LowerTH_LB
R/W
0x00
0x30
TG_Enable
R/W
0x00
0x08
Touch_LowerTH_HB
R/W
0x06
0x35
INT_Type
R/W
0x3E
0x0A
Touch_Count_TH
R/W
0x01
0x36
INT_Mode_Sel
R/W
0x0E
0x0B
NoTouch_Count_TH
R/W
0x00
0x37
INT_Mask_Select
R/W
0x00
0x0D
ChT_LED_Assign
R/W
0x01
0x38
ChA_Auto_FramePeriod_EnH
R/W
0x01
0x0E
ChT_Pixel_Assign
R/W
0x10
0x3C
ChA_Auto_FP_Max_LB
R/W
0x80
0x11
ChT_Frame_Period
R/W
0x0A
0x3D
ChA_Auto_FP_Max_HB
R/W
0x02
0x12
ChT_Report_Divider_LB
R/W
0x14
0x3E
ChA_Auto_FP_Min _LB
R/W
0x14
0x13
ChT_Report_Divider_HB
R/W
0x00
0x3F
ChA_Auto_FP_Min _HB
R/W
0x00
0x14
ChT_ADC_Samp_Num
R/W
0x03
0x40
ChB_Auto_FramePeriod_EnH
R/W
0x01
0x15
ChA_Frame_Period_LB
R/W
0x28
0x44
ChB_Auto_FP_Max_LB
R/W
0x80
0x16
ChA_Frame_Period_HB
R/W
0x00
0x45
ChB_Auto_FP_Max_HB
R/W
0x02
0x17
ChB_Frame_Period_LB
R/W
0x28
0x46
ChB_Auto_FP_Min _LB
R/W
0x14
0x18
ChB_Frame_Period_HB
R/W
0x00
0x47
ChB_Auto_FP_Min _HB
R/W
0x00
0x19
ChC_Frame_Period_LB
R/W
0x28
0x48
ChC_Auto_FramePeriod_EnH
R/W
0x01
0x1A
ChC_Frame_Period_HB
R/W
0x00
0x4C
ChC_Auto_FP_Max_LB
R/W
0x80
0x1B
ChA_Frame_Samp_Num
R/W
0x04
0x4D
ChC_Auto_FP_Max_HB
R/W
0x02
0x1C
ChB_Frame_Samp_Num
R/W
0x04
0x4E
ChC_Auto_FP_Min _LB
R/W
0x14
0x1D
ChC_Frame_Samp_Num
R/W
0x04
0x4F
ChC_Auto_FP_Min _HB
R/W
0x00
0x21
ChA_Function
R/W
0x68
0x56
FIFO_RptNum_LB
R/W
0x29
0x23
ChB_Function
R/W
0x69
0x57
FIFO_RptNum_HB
R/W
0x00
0x24
Update_Flag
R/W
0x00
0x58
FIFO_AutoClearNum
R/W
0x14
0x25
ChC_Function
R/W
0x69
0x5A
FIFO_Data_Mode
R/W
0x03
0x26
Golden_Report_Divider_LB
R/W
0x40
0x5B
FIFO_Info_Mode
R/W
0x00
0x27
Golden_Report_Divider_HB
R/W
0x06
0x5D
LED0DAC_Man_Code
R/W
0x40
0x28
ChA_Report_Divider
R/W
0x01
0x5E
LED1DAC_Man_Code
R/W
0x40
0x29
ChB_Report_Divider
R/W
0x01
0x5F
LED2DAC_Man_Code
R/W
0x40
0x2A
ChC_Report_Divider
R/W
0x01
0x60
LEDDAC_Test_EnH
R/W
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com