Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD2S1210ASTZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD2S1210ASTZ
Description  Variable Resolution, 10-Bit to 16-Bit R/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1210ASTZ Datasheet(HTML) 1 Page - Analog Devices

  AD2S1210ASTZ Datasheet HTML 1Page - Analog Devices AD2S1210ASTZ Datasheet HTML 2Page - Analog Devices AD2S1210ASTZ Datasheet HTML 3Page - Analog Devices AD2S1210ASTZ Datasheet HTML 4Page - Analog Devices AD2S1210ASTZ Datasheet HTML 5Page - Analog Devices AD2S1210ASTZ Datasheet HTML 6Page - Analog Devices AD2S1210ASTZ Datasheet HTML 7Page - Analog Devices AD2S1210ASTZ Datasheet HTML 8Page - Analog Devices AD2S1210ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Variable Resolution, 10-Bit to 16-Bit R/D
Converter with Reference Oscillator
AD2S1210
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Complete monolithic resolver-to-digital converter
3125 rps maximum tracking rate (10-bit resolution)
±2.5 arc minutes of accuracy
10-/12-/14-/16-bit resolution, set by user
Parallel and serial 10-bit to 16-bit data ports
Absolute position and velocity outputs
System fault detection
Programmable fault detection thresholds
Differential inputs
Incremental encoder emulation
Programmable sinusoidal oscillator on-board
Compatible with DSP and SPI interface standards
5 V supply with 2.3 V to 5 V logic interface
−40°C to +125°C temperature rating
APPLICATIONS
DC and ac servo motor control
Encoder emulation
Electric power steering
Electric vehicles
Integrated starter generators/alternators
Automotive motion sensing and control
FUNCTIONAL BLOCK DIAGRAM
REFERENCE
OSCILLATOR
(DAC)
EXCITATION
OUTPUTS
AD2S1210
SYNTHETIC
REFERENCE
RESET
DATA I/O
INPUTS
FROM
RESOLVER
ENCODER
EMULATION
OUTPUTS
VOLTAGE
REFERENCE
REFERENCE
PINS
INTERNAL
CLOCK
GENERATOR
CRYSTAL
TYPE II
TRACKING LOOP
FAULT
DETECTION
FAULT
DETECTION
OUTPUTS
POSITION
REGISTER
ADC
ADC
CONFIGURATION
REGISTER
MULTIPLEXER
DATA BUS OUTPUT
DATA I/O
VELOCITY
REGISTER
Figure 1.
GENERAL DESCRIPTION
The AD2S1210 is a complete 10-bit to 16-bit resolution tracking
resolver-to-digital converter, integrating an on-board program-
mable sinusoidal oscillator that provides sine wave excitation
for resolvers.
The converter accepts 3.15 V p-p ± 27% input signals, in the range
of 2 kHz to 20 kHz on the sine and cosine inputs. A Type II
servo loop is employed to track the inputs and convert the input
sine and cosine information into a digital representation of the
input angle and velocity. The maximum tracking rate is 3125 rps.
PRODUCT HIGHLIGHTS
1.
Ratiometric tracking conversion. The Type II tracking loop
provides continuous output position data without
conversion delay. It also provides noise immunity and
tolerance of harmonic distortion on the reference and
input signals.
2.
System fault detection. A fault detection circuit can sense
loss of resolver signals, out-of-range input signals, input
signal mismatch, or loss of position tracking. The fault
detection threshold levels can be individually programmed
by the user for optimization within a particular application.
3.
Input signal range. The sine and cosine inputs can accept
differential input voltages of 3.15 V p-p ± 27%.
4.
Programmable excitation frequency. Excitation frequency
is easily programmable to a number of standard frequencies
between 2 kHz and 20 kHz.
5.
Triple format position data. Absolute 10-bit to 16-bit angular
position data is accessed via either a 16-bit parallel port or a
4-wire serial interface. Incremental encoder emulation is in
standard A-quad-B format with direction output available.
6.
Digital velocity output. 10-bit to 16-bit signed digital velocity
accessed via either a 16-bit parallel port or a 4-wire serial
interface.


Similar Part No. - AD2S1210ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1210ASTZ AD-AD2S1210ASTZ Datasheet
513Kb / 36P
Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
More results

Similar Description - AD2S1210ASTZ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC56 BURR-BROWN-DAC56 Datasheet
165Kb / 5P
Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
16-Bit Resolution With Microprocessor Interface A/D CONVERTER
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
logo
Analog Devices
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
logo
Texas Instruments
TLV1543C TI1-TLV1543C_14 Datasheet
1Mb / 30P
3.3-V Supply Operation 10-Bit-Resolution A/D Converter
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADADC71 AD-ADADC71_15 Datasheet
286Kb / 12P
Complete, High Resolution 16-Bit A/D Converter
REV. C
logo
Texas Instruments
DAC39J82 TI1-DAC39J82 Datasheet
2Mb / 144P
Resolution: 16-Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com