Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD2S1210WDSTZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD2S1210WDSTZ
Description  Variable Resolution, 10-Bit to 16-Bit R/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1210WDSTZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD2S1210WDSTZ Datasheet HTML 25Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 26Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 27Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 28Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 29Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 30Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 31Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 32Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
AD2S1210
Rev. A | Page 28 of 36
SERIAL INTERFACE
The serial interface is selected by holding the SOE pin low. The
AD2S1210 serial interface consists of four signals: SDO, SDI,
WR/FSYNC, and SCLK. The SDI is used for transferring data
into the on-chip registers whereas the SDO is used for accessing
data from the on-chip registers, including the position, velocity,
and fault registers. SCLK is the serial clock input for the device,
and all data transfers (either on SDI or SDO) take place with
respect to this SCLK signal. WR/FSYNC is used to frame the
data. The falling edge of WR/FSYNC takes the SDI and SDO
lines out of a high impedance state. A rising edge on WR/FSYNC
returns the SDI and SDO to a high impedance state. The CS input
is not required for the serial interface and should be held low.
SDO Output
In normal mode of operation, data is shifted out of the device as
a 24-bit word under the control of the serial clock input, SCLK.
The data is shifted out on the rising edge of SCLK. The timing
diagram for this operation is shown in Figure 32.
SDI Input
The SDI input is used to address the on-chip registers and as a
daisy-chain input in configuration mode. The data is shifted
into the part on the falling edge of SCLK. The timing diagram
for this operation is shown in Figure 32.
Writing to the AD2S1210
The on-chip registers of the AD2S1210 can be accessed using
the serial interface. To write to one of the registers, the user
must first place the AD2S1210 into configuration mode using
the A0 and A1 inputs. The 8-bit address should be written to
the AD2S1210 using the SDI pin and latched using the rising
edge of the WR/FSYNC input. The data can then be presented on
the SDI pin and again latched into the part using the WR/FSYNC
input. The MSB of the 8-bit write indicates whether the 8-bit
word is a register address, MSB set high, or the data to be written,
MSB set low.
shows the timing specifications to follow
when writing to the configuration registers.
Figure 33
Reading from the AD2S1210 in Configuration Mode
To read back data stored in one of the on-chip registers, including
the fault register, the user must first place the AD2S1210 into
configuration mode using the A0 and A1 inputs. The 8-bit
address of the register to be read should then be written to the
part, as described in the Writing to the AD2S1210 section.
This transfers the relevant data to the output register.
In configuration mode, the output shift register is eight bits
wide. Data is shifted out of the device as an 8-bit word under
the control of the serial clock input, SCLK. The timing diagram
for this operation is shown in Figure 34. When reading back
data from any of the read/write registers (see Table 10), the 8-bit
word consists of the seven bits of data in the relevant register,
D6 to D0, and an error bit, D7. If the error bit is returned high,
this indicates that the data read back from the device does not
match the configuration data written to the device in the previous
write cycle.
To read back the angular position or velocity data while in
configuration mode, a falling edge of the SAMPLE input is
required to update the information in the position and velocity
registers.
Reading from the AD2S1210 in Normal Mode
To read back position or velocity data from the AD2S1210, the
information stored in the position and velocity registers should
first be updated using the SAMPLE input. A high-to-low
transition on the SAMPLE input transfers the data from the
position and velocity integrators to the position and velocity
registers. The fault register is also updated on the high-to-low
transition of the SAMPLE input. The status of the A0 and A1
inputs determines whether the position or velocity data is
transferred to the output register.
In normal mode, the output shift register is 24 bits wide. The 24-bit
word consists of 16 bits of angular data (position or velocity data)
followed by the 8-bit fault register data. Data is read out MSB
first (Bit 23) on the SDO pin. Bit 23 through Bit 8 correspond to
the angular information. The angular position data format is
unsigned binary, with all 0s corresponding to 0 degrees and all
1s corresponding to 360 degrees − l LSB. The angular velocity data
format is twos complement binary, with the MSB representing the
rotation direction. Bit 7 through Bit 0 correspond to the fault
information. If the user does not require the fault information,
the WR/FSYNC can be pulled high after the16th SCLK rising edge.
Clearing the Fault Register
The LOT pin and/or the DOS pin of the AD2S1210 are taken
low to indicate that a fault has been detected. The AD2S1210 is
capable of detecting eight separate fault conditions. To determine
which condition triggered the fault indication, the user is required
to enter configuration mode and read the fault register. To reset
the fault indicators, an additional SAMPLE pulse is required.
This ensures that any faults that may occur between the initial
sampling and subsequent reading of the fault register are captured.
Therefore, to read and clear the fault register, the following
sequence of events is required:
1.
A high-to-low transition of the SAMPLE input.
2.
Hold the SAMPLE input low for t16 ns and then it can be
returned high.
3.
Put the AD2S1210 into configuration mode, that is, A0 and
A1 are both set to logic high.
4.
Read the fault register as described in the Reading from the
AD2S1210 in Configuration Mode section.
5.
A second high-to-low transition of the SAMPLE input
clears the fault indications on the DOS and/or LOT pins.
Note that in the event of a persistent fault, the fault indicators
are reasserted within the specified fault time latency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com