Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9857ASTZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9857ASTZ
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857ASTZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9857ASTZ Datasheet HTML 24Page - Analog Devices AD9857ASTZ Datasheet HTML 25Page - Analog Devices AD9857ASTZ Datasheet HTML 26Page - Analog Devices AD9857ASTZ Datasheet HTML 27Page - Analog Devices AD9857ASTZ Datasheet HTML 28Page - Analog Devices AD9857ASTZ Datasheet HTML 29Page - Analog Devices AD9857ASTZ Datasheet HTML 30Page - Analog Devices AD9857ASTZ Datasheet HTML 31Page - Analog Devices AD9857ASTZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
AD9857
Rev. C| Page 27 of 40
When synchronization is lost between the system and the
AD9857, the SYNC I/O pin provides a means to re-establish
synchronization without reinitializing the entire chip. The
SYNC I/O pin enables the user to reset the AD9857 state
machine to accept the next eight SCLK rising edges to be
coincident with the instruction phase of a new communication
cycle. By applying and removing a “high” signal to the SYNC
I/O pin, the AD9857 is set to once again begin performing the
communication cycle in synchronization with the system. Any
information that had been written to the AD9857 registers
during a valid communication cycle prior to loss of
synchronization remains intact.
CONTROL REGISTER DESCRIPTIONS
Reference Clock (REFCLK) Multiplier—Register Address 00h,
Bits 0, 1, 2, 3, 4
A 5-bit number (M), the value of which determines the
multiplication factor for the internal PLL (Bit 4 is the MSB). The
system clock (SYSCLK) is M times the frequency of the
REFCLK input signal. If M = 01h, the PLL circuit is bypassed
and fSYSCLK =fREFCLK. If 04h ≤ M ≤14h, the PLL multiplies the
REFCLK frequency by M (4–20 decimal). Any other value of M
is considered an invalid entry.
PLL Lock Control—Register Address 00h, Bit 5
When set to a Logic 0, the device uses the status of the PLL lock
indicator pin to internally control the operation of the 14-bit
parallel data path. When set to a Logic 1, the internal control
logic ignores the status of the PLL lock indicator pin.
LSB First—Register Address 00h, Bit 6
When set to a Logic 1, the serial interface accepts serial data in
LSB first format. When set to a Logic 0, MSB first format is
assumed.
SDIO Input Only—Register Address 00h, Bit 7
When set to a Logic 1, the serial data I/O pin (SDIO) is
configured as an input only pin. When set to a Logic 0, the
SDIO pin has bidirectional operation.
Operating Mode—Register Address 01h, Bits 0, 1
00h: Selects the quadrature modulation mode of operation. 01h:
Selects the single-tone Mode of operation. 02h: Selects the
interpolating DAC mode of operation. 03h: Invalid entry.
Auto Power-Down—Register Address 01h, Bit 2
When set to a Logic 1, the device automatically switches into its
low power mode whenever TxENABLE is deasserted for a suf-
ficiently long period of time. When set to a Logic 0, the device
only powers down in response to the digital power-down pin.
Full Sleep Mode—Register Address 01h, Bit 3
When set to a Logic 1, the device completely shuts down.
Reserved—Register Address 01h, Bit 4
Reserved—Register Address 01h, Bit 5
This bit must always be set to 0.
Inverse SINC Bypass—Register Address 01h, Bit 6
When set to a Logic 1, the inverse Sinc filter is BYPASSED.
When set to a Logic 0, the inverse Sinc filter is active.
CIC Clear—Register Address 01h, Bit 7
When set to a Logic 1, the CIC filters are cleared. When set to a
Logic 0, the CIC filters operate normally.
PROFILE #0
Tuning Word—Register Address 02h, Bits 0, 1, 2, 3, 4, 5, 6, 7
The lower byte of the 32-bit frequency tuning word, Bits 0–7.
Tuning Word—Register Address 03h, Bits 0, 1, 2, 3, 4, 5, 6, 7
The second byte of the 32-bit frequency tuning word, Bits 8–15.
Tuning Word—Register Address 04h, Bits 0,1, 2, 3, 4, 5, 6, 7
The third byte of the 32-bit frequency tuning word, Bits 16–23.
Tuning Word—Register Address 05h, Bits 0, 1, 2, 3, 4, 5, 6, 7
The fourth byte of the 32-bit frequency tuning word, Bits 24–31.
Inverse CIC Bypass—Register Address 06h, Bit 0
When set to a Logic 1, the inverse CIC filter is BYPASSED.
When set to a Logic 0, the inverse CIC filter is active.
Spectral Invert—Register Address 06h, Bit 1
The quadrature modulator takes the form:
I × cos(ω) + Q × sin(ω) when set to a Logic 1.
I × cos(ω) − Q × sin(ω) when set to a Logic 0.
CIC Interpolation Rate—Register Address 06h, Bits 2, 3, 4, 5,
6, 7
00h: Invalid entry.
01h: CIC filters BYPASSED.
02h–3Fh: CIC interpolation rate (2–63, decimal).
Output Scale Factor—Register Address 07h, Bits 0, 1, 2, 3, 4,
5, 6, 7
An 8-bit number that serves as a multiplier for the data pathway
before the data is delivered the DAC. It has an LSB weight of 2–7
(0.0078125). This yields a multiplier range of 0 to 1.9921875.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com