Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE71S6281 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE71S6281
Description  PIN Diode Switches Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6281 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE71S6281 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6281 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6281 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6281 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6281 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Typical Performance Data
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
8
8.4
8.8
9.2
9.6
10
10.4
10.8
11.2
11.6
12
Freq (GHz)
Insertion Loss
J1-J2
J1-J3
J1-J4
J1-J5
-60
-50
-40
-30
-20
-10
0
8
8.4
8.8
9.2
9.6
10
10.4
10.8
11.2
11.6
12
Freq (GHz)
Return Loss
J1
J2
J3
J4
J5
PE71S6281 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP4T PIN Diode Switch Operating From 8 GHz to 12 GHz Up to +20 dBm and Field Replace-
able SMA PE71S6281
PIN Diode Switches Technical Data Sheet
PE71S6281
SP4T PIN Diode Switch Operating From 8 GHz to
12 GHz Up to +20 dBm and Field Replaceable SMA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com