Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX-SIP-SFEU Datasheet(PDF) 13 Page - ON Semiconductor

Part # AX-SIP-SFEU
Description  Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox Verified Transceiver SiP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIP-SFEU Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AX-SIP-SFEU Datasheet HTML 9Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 10Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 11Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 12Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 13Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 14Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 15Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 16Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AX−SIP−SFEU, AX−SIP−SFEU−API
www.onsemi.com
13
Table 9. COMMANDS (continued)
Command
Description
Name
AT$I=uint
Information
Display various product information:
0:
Software Name & Version
Example Response: AX
−Sigfox 1.1−RCZ1
1:
Contact Details
Example Response: support@axsem.com
2:
Silicon revision lower byte
Example Response: 90
3:
Silicon revision upper byte
Example Response: 51
4:
Major Firmware Version
Example Response: 1
5:
Minor Firmware Version
Example Response: 1
7:
Firmware Variant (Frequency Band etc. (EU/US))
Example Response: RCZ1
8:
Firmware VCS Version
Example Response:
0
9:
Sigfox Library Version
Example Response: UDL1
−1.8.9
10: Device ID
Example Response: 00012345
11: PAC
Example Response: 0123456789ABCDEF
AT$P=uint
Set Power Mode
To conserve power, the AX SIP SFEU can be put to sleep manually.
Depending on power mode, you will be responsible for waking up the
AX−SIP−SFEU again!
0:
software reset (settings will be reset to values in flash)
1:
sleep (send a break to wake up)
2:
deep sleep (toggle GPIO9 or RESET_N pin to wake up;
the AX
−SFEU is not running and all settings will be reset!)
AT$WR
Save Config
Write all settings to flash (RX/TX frequencies, registers) so they survive
reset/deep sleep or loss of power.
Use AT$P=0 to reset the AX−SIP−SFEU and load settings from flash.
AT:Pn?
Get GPIO Pin
Return the setting of the GPIO Pin n; n can range from 0 to 14.
A character string is returned describing the mode of the pin, followed
by the actual value. If the pin is configured as analog pin, then the
voltage (range 0
…1 V) is returned. The mode characters have the
following meaning:
Mode
Description
0
Pin drives low
1
Pin drives high
Z
Pin is high impedance input
U
Pin is input with pull
−up
A
Pin is analog input (GPIO pin 0
…3 and 12…13 only)
T
Pin is driven by clock or DAC (GPIO pin
0 and 4 only)
The default mode after exiting reset is U on all GPIO pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com