Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMS6144AMTC14X Datasheet(PDF) 12 Page - ON Semiconductor

Part # FMS6144AMTC14X
Description  Four-Channel, 6th-Order SD VoltagePlus Video Filter Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6144AMTC14X Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FMS6144AMTC14X Datasheet HTML 7Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 8Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 9Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 10Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 11Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 12Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 13Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 14Page - ON Semiconductor FMS6144AMTC14X Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6144A • Rev. 1.0.2
11
Layout Considerations
General layout and supply bypassing play a major role
in
high-frequency
performance
and
thermal
characteristics. Fairchild offers a four-layer board with
full power and ground planes board to guide layout and
aid device evaluation. The demo board is a four-layer
board with full power and ground planes. Following this
layout configuration provides optimum performance and
thermal characteristics for the device. For best results,
follow the steps and recommended routing rules below.
Recommended Routing / Layout Rules
Do not run analog and digital signals in parallel.
Use separate analog and digital power planes to
supply power.
Traces should run on top of the ground plane at all
times.
No trace should run over ground/power splits.
Avoid routing at 90-degree angles.
Minimize clock and video data trace length
differences.
Include 10μF and 0.1μF ceramic power supply
bypass capacitors.
Place the 0.1μF capacitor within 2.54mm (0.1in)
of the device power pin.
Place the 10μF capacitor within 19.05mm (0.75in)
of the device power pin.
For multi-layer boards, use a large ground plane to
help dissipate heat.
For two-layer boards, use a ground plane that
extends beyond the device body at least 12.7mm
(0.5in) on all sides. Include a metal paddle under
the device on the top layer.
Minimize all trace lengths to reduce series
inductance.
Output Considerations
The outputs are DC offset from the input by 150mV
therefore VOUT = 2 • VIN DC + 150mV. This offset is
required for optimal performance from the output driver
and is held at the minimum value to decrease the
standing DC current into the load. Since the FMS6144A
has a 2x (6dB) gain, the output is typically connected via
a 75Ω series back-matching resistor followed by the
75Ω video cable. Because of the inherent divide by two
of this configuration, the blanking level at the load of the
video signal is always less than 1V. When AC-coupling
the output, ensure that the coupling capacitor passes
the lowest frequency content in the video signal and that
line time distortion (video tilt) is kept as low as possible.
The selection of the coupling capacitor is a function of the
subsequent circuit input impedance and the leakage
current of the input being driven. To obtain the highest
quality output video signal, the series termination resistor
must be placed as close to the device output pin as
possible. This greatly reduces the parasitic capacitance
and inductance effect on the output driver. The distance
from the device pin to the series termination resistor
should be no greater than 2.54mm (0.1in).
Figure 22.
Termination Resistor Placement
Thermal Considerations
Since the interior of most systems, such as set-top
boxes, TVs, and DVD players; are at +70ºC;
consideration must be given to providing an adequate
heat sink for the device package for maximum heat
dissipation. When designing a system board, determine
how much power each device dissipates. Ensure that
devices of high power are not placed in the same
location, such as directly above (top plane) or below
(bottom plane) each other, on the PCB.
PCB Thermal Layout Considerations
Understand the system power requirements and
environmental conditions.
Maximize thermal performance of the PCB.
Consider using 70μm of copper for high-power
designs.
Make the PCB as thin as possible by reducing FR4
thickness.
Use vias in power pad to tie adjacent layers
together.
Remember that baseline temperature is a function
of board area, not copper thickness.
Modeling techniques provide a first-order
approximation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com