Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7944BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7944BCPZ
Description  15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD7944BCPZ Datasheet HTML 1Page - Analog Devices AD7944BCPZ Datasheet HTML 2Page - Analog Devices AD7944BCPZ Datasheet HTML 3Page - Analog Devices AD7944BCPZ Datasheet HTML 4Page - Analog Devices AD7944BCPZ Datasheet HTML 5Page - Analog Devices AD7944BCPZ Datasheet HTML 6Page - Analog Devices AD7944BCPZ Datasheet HTML 7Page - Analog Devices AD7944BCPZ Datasheet HTML 8Page - Analog Devices AD7944BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD7944
Data Sheet
Rev. C | Page 4 of 28
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INTERNAL REFERENCE
PDREF is low
Output Voltage
TA = 25°C
4.081
4.096
4.111
V
Temperature Drift
−40°C to +85°C
±10
ppm/°C
Line Regulation
AVDD = 2.5 V ± 5%
±50
ppm/V
Turn-On Settling Time
CREF = 10 μF, CREFIN = 0.1 μF
40
ms
REFIN Output Voltage
REFIN at 25°C
1.2
V
REFIN Output Resistance
6
kΩ
EXTERNAL REFERENCE
PDREF is high, REFIN is low
Voltage Range
2.4
5.1
V
Current Drain
500
µA
REFERENCE BUFFER
REFIN Input Voltage
1.2
V
REFIN Input Current
160
µA
DIGITAL INPUTS
Logic Levels
VIL
−0.3
+0.1 × VIO
V
VIH
0.9 × VIO
VIO + 0.3
V
IIL
−1
+1
µA
IIH
−1
+1
µA
DIGITAL OUTPUTS
Data Format
Serial 14 bits, straight binary
Pipeline Delay
Conversion results available immediately
after completed conversion
VOL
ISINK = +500 µA
0.4
V
VOH
ISOURCE = −500 µA
VIO − 0.3
V
POWER SUPPLIES
AVDD, DVDD
2.375
2.5
2.625
V
BVDD
4.75
5.0
5.25
V
VIO
Specified performance
1.8
2.5
2.7
V
Standby Current1, 2
AVDD = DVDD = VIO = 2.5 V
1.0
µA
Power Dissipation
With Internal Reference
2.5 MSPS throughput
28
33
mW
2.0 MSPS throughput
25
30
mW
With External Reference
2.5 MSPS throughput
15.5
17
mW
2.0 MSPS throughput
12
13
mW
TEMPERATURE RANGE3
Specified Performance
TMIN to TMAX
−40
+85
°C
1
With all digital inputs forced to VIO or GND as required.
2
During acquisition phase.
3
Contact an Analog Devices, Inc., sales representative for the extended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com