Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI5L100W Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5L100W
Description  Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L100W Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5L100W Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
PS7031F
09/17/04
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
n
D
I
-
n
A
Is
t
u
p
n
I
a
t
a
D
Ss
t
u
p
n
I
t
c
e
l
e
S
Ee
l
b
a
n
E
D
Y
-
A
Ys
t
u
p
t
u
O
a
t
a
D
D
N
Gd
n
u
o
r
G
V C
C
r
e
w
o
P
Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
16-PinConfiguration
TruthTable(1)
Note:
1. H = High Voltage Level
L = Low Voltage Level
ProductPinDescription
Wide Bandwidth
Low Voltage LanSwitch
Quad 2:1 Mux/Demux
Features
• Replaces mechanical relays
• High-performance, low-cost solution for switching
between different LAN signals
• Ultra-low quiescent power (0.1 µA typical)
• Low crosstalk: –40 dB @ 30 Mbps
• Low insertion loss or On-Resistance: 3ohms typical
• Single extended supply operation up to 6.2V ± 5%
• Off isolation: –30 dB @ 30 Mbps
• Wide bandwidth data rates > 200 Mbps
• Packages (Pb-free & Green available):
– 16-pin 150-mil wide plastic SOIC (W)
– 16-pin 150-mil wide plastic QSOP (Q)
– 20-pin 173-mil wide plastic TSSOP (L)
20-PinConfiguration
E
IA0
IA1
IB0
IB1
IC0
IC1
ID0
ID1
S
YA
YB
YC
YD
VCC
1
S
16
E
2
IA0
15
ID0
3
IA1
14
ID1
4
YA
13
YD
5
IB0
12
IC0
6
IB1
11
IC1
7
YB
10
YC
8
GND
9
16-Pin
W,Q
VCC
NC
1
E
S2
ID1
IA0
3
ID0
IA1
4
YD
YA
5
20
IB0
6
19
IC0
IB1
7
18
YC
8
17
16
GND
15
14
13
YB
9
10
NC
NC
12
11
NC
IC1
Description
Pericom Semiconductor’s PI5L100 is a Quad 2:1 multiplexer/
demultiplexer LanSwitch with three-state outputs. This device can
be used for switching between various standards, such as 10 Base-
T, 100 Base-T, 100VG-AnyLAN or Token Ring. Generally, this part
can be used to replace mechanical relays in low voltage LAN
applications that have phsical layer, unshielded twisted pair media
(UTP) with either CAT 3 or CAT 5 grade cable.
Toreduceinsertionloss,PI5L100ispoweredbya6.2VZenervoltage.
ES
A
YB
YC
YD
Yn
o
i
t
c
n
u
F
HX
Z
-i
HZ
-i
HZ
-i
HZ
-i
He
l
b
a
s
i
D
LL
0
A
I0
B
I0
C
I0
D
I0
=
S
LH
1
A
I1
B
I1
C
I1
D
I1
=
S
20-Pin
L
PI5L100


Similar Part No. - PI5L100W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5L102 PERICOM-PI5L102 Datasheet
422Kb / 7P
CompactPCI Hot Swap Pull-up Switch
More results

Similar Description - PI5L100W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5L200 PERICOM-PI5L200 Datasheet
180Kb / 9P
Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
PI3L100 PERICOM-PI3L100 Datasheet
74Kb / 6P
3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
Wide Bandwidth, Dual 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
Quad 2 1 Mux/DeMux BusSwitch
PI5L200QX PERICOM-PI5L200QX Datasheet
185Kb / 9P
Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
logo
Analog Devices
ADG774 AD-ADG774_15 Datasheet
140Kb / 12P
Wide Bandwidth Quad 2:1 Mux
REV. C
logo
Savitech Corp.
SV73257A SAVITECH-SV73257A Datasheet
267Kb / 8P
8KV ESD, Low-Voltage, High-Bandwidth Quad 2:1 MUX/DEMUX Bus Switch
SV73257C SAVITECH-SV73257C Datasheet
267Kb / 8P
8KV ESD, Low-Voltage, High-Bandwidth Quad 2:1 MUX/DEMUX Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com