Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STUD600S Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STUD600S
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD600S Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STUD600S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD600S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD600S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD600S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD600S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD600S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD600S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD600S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N-Channel Enhancement Mode Field Effect Transistor
TO-252 and TO-251 Package.
SamHop Microelectronics Corp.
Aug 25,2006
PRODUCT SUMMARY
VDSS
ID
RDS(ON) ( m
Ω ) Max
60V
16A
55 @ VGS = 10V
70 @ VGS = 4.5V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
S
G
D
STU SERIES
TO-252AA(D-PAK)
STD SERIES
TO-251(l-PAK)
G
G
S
S
D
D
STU/D600S
Parameter
Symbol
Unit
Drain-Source Voltage
VDS
V
Gate-Source Voltage
VGS
V
Drain Current-Continuous @Ta
-Pulsed
ID
50
A
A
A
W
IDM
Drain-Source Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and Storage
Temperature Range
TJ, TSTG
-55 to 175
C
a
a
a
b
60
15
20
16
30
25 C
70 C
Ta= 25 C
Ta=70 C
35
10.7
A
Limit
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
R JC
3
50
R JA
/W
C
/W
C
ABSOLUTE MAXIMUM RATINGS (TA=25 C unless otherwise noted)
Green
Product


Similar Part No. - STUD600S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD602S SAMHOP-STUD602S Datasheet
125Kb / 8P
Super high dense cell design for low RDS(ON).
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD608S SAMHOP-STUD608S Datasheet
102Kb / 8P
Super high dense cell design for low RDS(ON).
STUD609S SAMHOP-STUD609S Datasheet
104Kb / 7P
Super high dense cell design for low RDS(ON).
More results

Similar Description - STUD600S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com