Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8976GEFL/RV Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8976GEFL/RV
Description  Low Power CODEC With Speaker Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/RV Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 83 page
background image
WM8976
Preliminary Technical Data
w
PTD Rev 2.0 February 2005
24
INPUT SIGNAL PATH
The WM8976 has a number of flexible analogue inputs.
The input PGA stage is followed by a
boost/mix stage which drives into the ADC.
The input path has three input pins which can be
configured in a variety of ways to accommodate single-ended, differential or dual differential
microphones. There are two auxiliary input pins, and the AUXL input can be fed into to the input
boost/mix stage as well as driving into the output path. A bypass path exists from the output of the
boost/mix stage into the output left mixer.
MICROPHONE INPUTS
The WM8976 can accommodate a variety of microphone configurations including single ended and
differential inputs. The input to the differential input PGA are LIN, LIP and L2.
In single-ended microphone input configuration the microphone signal should be input to LIN or RIN
and the internal NOR gate configured to clamp the non-inverting input of the input PGA to VMID.
Figure 11 Microphone Input PGA Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com