Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE87FL1007 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE87FL1007
Description  Bandpass Filters Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE87FL1007 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE87FL1007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE87FL1007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE87FL1007 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE87FL1007 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE87FL1007 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/14/2014
Plotted and Other Data
Notes:
•
Values at 25°C, sea level.
Typical Performance Data
-70
-60
-50
-40
-30
-20
-10
0
14.2
15.2
16.2
17.2
18.2
19.2
20.2
21.2
22.2
23.2
24.2
0 dB
GHz
Passband
S11
S21
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 8 Section Bandpass Filter With SMA Female Connectors Operating From 17.2 GHz to 21.2
GHz With a 4 GHz Passband PE87FL1007
PE87FL1007 REV 1.0
8 Section Bandpass Filter With SMA Female Connectors
Operating From 17.2 GHz to 21.2 GHz With a 4 GHz Passband
Bandpass Filters Technical Data Sheet
PE87FL1007



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com