Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G53CS-DC6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G53CS-DC6
Description  Miniature Type, Heavy contact load up to 4000VA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G53CS-DC6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G53CS-DC6 Datasheet HTML 1Page - List of Unclassifed Manufacturers G53CS-DC6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423
(732) 922-6333 Phone
(732) 922-6363 Fax
n How to order
n Dimensions
G53
A
D - DC12 K
Model
Contact Arrangement: A = SPST-NO; C = SPDT
S = Sealed; D = Dust Cover
CoilVoltage: DC5,6,9,12,18,24,48,60,110
Blank: 750mW;
K: 530mW
Notes:
1. All values, unless otherwise specified, ae measured at ambient temperature of 20°C.
2. Specifications subject to change without prior notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com