Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PFM340-AS Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # PFM340-AS
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PFM340-AS Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  PFM340-AS Datasheet HTML 1Page - PACELEADER INDUSTRIAL PFM340-AS Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
UNIT
Marking Code
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Maximum RMS Voltage
VRMS
Volts
Maximum DC Blocking Voltage
VDC
Volts
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 2)
RΘJC
℃/W
Typical Junction Capacitance (Note 1)
CJ
P
F
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
SYMBOL
UNIT
Maximum Forward Voltage at 3.0A DC
VF
Volts
Maximum Average Reverse Current at
@TJ=25℃
Rated DC Blocking Voltage
@TJ=100℃
CHARACTERISTICS
Amps
Amps
IO
IFSM
3.0
-55 to +150
80
30
250
IR
mAmps
0.5
20
PFM320-AS THRU PFM3200-AS
*
Case: Molded plastic, SMA-S
Epoxy: UL 94V-O rate flame retardant
Mounting position: Any
Weight: Approximated 0.05 gram.
* RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Case.
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
Batch process design,excellent power dissipation offers
better reverse leakage current and thermal resistance.
* Low profile surface mounted application in order to
optimize board space.
* Low power loss,high efficiency.
* High current capability, low forward voltage drop.
* High surge capability.
* Ultra high-speed switching.
* Lead-free parts meet environmental standars of MIL-STD-19500/228
FEATURES
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026.
MECHANICAL DATA
PFM320-AS
SK32
20
30
40
50
60
80
100
150
200
L
O
B
M
Y
S
S
G
N
I
T
A
R
PFM330-AS
PFM340-AS
PFM350-AS
PFM360-AS
PFM380-AS
PFM3100-AS
S310
SK38
SK36
SK35
SK34
SK33
-55 to +150
-55 to +125
PFM3150-AS
PFM3200-AS
S320
S315
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
0.50
0.70
0.85
0.92
0.213(5.4)
0.197(5.0)
0.012(0.3) Typ.
0.106(2.7)
0.091(2.3)
0.071(1.8)
0.060(1.5)
0.040 (1.0) Typ.
0.040(1.0) Typ.
0.055(1.4)
0.063(1.6)
Dimensions in inches and (millimeters)
SMA-S
PFM320-AS
PFM330-AS
PFM340-AS
PFM350-AS
PFM360-AS
PFM380-AS
PFM3100-AS
PFM3150-AS
PFM3200-AS
PFM320-AS
PFM330-AS
PFM340-AS
PFM350-AS
PFM360-AS
PFM380-AS
PFM3100-AS
PFM3150-AS
PFM3200-AS
PFM320-AS
PFM330-AS
PFM340-AS
PFM350-AS
PFM360-AS
PFM380-AS
PFM3100-AS
PFM3150-AS
PFM3200-AS
1
www.paceleader.tw
PFM320-AS
PFM330-AS
PFM340-AS
PFM350-AS
PFM360-AS
PFM380-AS
PFM3100-AS
PFM3150-AS
PFM3200-AS
PFM320-AS
PFM330-AS
PFM340-AS
PFM350-AS
PFM360-AS
PFM380-AS
PFM3100-AS
PFM3150-AS
PFM3200-AS


Similar Part No. - PFM340-AS

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PFM340-ALS PACELEADER-PFM340-ALS Datasheet
625Kb / 4P
3.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
PFM340-ALS-TH PACELEADER-PFM340-ALS-TH Datasheet
625Kb / 4P
3.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results

Similar Description - PFM340-AS

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SK32A WILLAS-SK32A Datasheet
812Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V SMA PACKAGE
SK32C WILLAS-SK32C Datasheet
485Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIERS -20V- 200V SMC PACKAGE
SK22AF WILLAS-SK22AF Datasheet
310Kb / 2P
2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Formosa MS
SKFM2020C-D2 FORMOSA-SKFM2020C-D2 Datasheet
169Kb / 7P
20.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
SR320 FORMOSA-SR320_13 Datasheet
138Kb / 6P
3.0A Axial Leaded Schottky Barrier Rectifiers - 20V-200V
logo
Microdiode Semiconducto...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
E-CMOS Corporation
ECC1620C-D2 E-CMOS-ECC1620C-D2 Datasheet
415Kb / 6P
16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM320-MT PACELEADER-PFM320-MT Datasheet
388Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com