Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C02-RMN6T/G Datasheet(PDF) 4 Page - STMicroelectronics

Part # M24C02-RMN6T/G
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-RMN6T/G Datasheet(HTML) 4 Page - STMicroelectronics

  M24C02-RMN6T/G Datasheet HTML 1Page - STMicroelectronics M24C02-RMN6T/G Datasheet HTML 2Page - STMicroelectronics M24C02-RMN6T/G Datasheet HTML 3Page - STMicroelectronics M24C02-RMN6T/G Datasheet HTML 4Page - STMicroelectronics M24C02-RMN6T/G Datasheet HTML 5Page - STMicroelectronics M24C02-RMN6T/G Datasheet HTML 6Page - STMicroelectronics M24C02-RMN6T/G Datasheet HTML 7Page - STMicroelectronics M24C02-RMN6T/G Datasheet HTML 8Page - STMicroelectronics M24C02-RMN6T/G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
4/29
SUMMARY DESCRIPTION
These I2C-compatible electrically erasable pro-
grammable memory (EEPROM) devices are orga-
nized as 2048/1024/512/256/128 x 8 (M24C16,
M24C08, M24C04, M24C02, M24C01).
Figure 2. Logic Diagram
I2C uses a two wire serial interface, comprising a
bi-directional data line and a clock line. The devic-
es carry a built-in 4-bit Device Type Identifier code
(1010) in accordance with the I2C bus definition.
The device behaves as a slave in the I2C protocol,
with all memory operations synchronized by the
serial clock. Read and Write operations are initiat-
ed by a Start condition, generated by the bus mas-
ter. The Start condition is followed by a Device
Select Code and RW bit (as described in Table 2.),
terminated by an acknowledge bit.
When writing data to the memory, the device in-
serts an acknowledge bit during the 9th bit time,
following the bus master’s 8-bit transmission.
When data is read by the bus master, the bus
master acknowledges the receipt of the data byte
in the same way. Data transfers are terminated by
a Stop condition after an Ack for Write, and after a
NoAck for Read.
Table 1. Signal Names
Power On Reset: VCC Lock-Out Write Protect
In order to prevent data corruption and inadvertent
Write operations during Power-up, a Power On
Reset (POR) circuit is included. At Power-up, the
internal reset is held active until VCC has reached
the POR threshold value, and all operations are
disabled – the device will not respond to any com-
mand. In the same way, when VCC drops from the
operating voltage, below the POR threshold value,
all operations are disabled and the device will not
respond to any command.
A stable and valid VCC (as defined in Table 6. and
Table 7.) must be applied before applying any log-
ic signal.
Figure 3. DIP, SO, TSSOP and MLP Connections (Top View)
Note: 1. NC = Not Connected
2. See PACKAGE MECHANICAL section for package dimensions, and how to identify pin-1.
AI02033
3
E0-E2
SDA
VCC
M24Cxx
WC
SCL
VSS
E0, E1, E2
Chip Enable
SDA
Serial Data
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground
SDA
VSS
SCL
WC
VCC
/ E2
AI02034E
M24Cxx
1
2
3
4
8
7
6
5
/ E2
/ E2
/ E2
NC
/ E1
/ E1
/ E1
/ NC
NC
/ E0
/ E0
/ NC
/ NC
NC
/1Kb
/2Kb
/4Kb
/8Kb
16Kb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com