Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE3832-12 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3832-12
Description  SMA Male to SMA Female Cable 12 Inch Length RF Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3832-12 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3832-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3832-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3832-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3832-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Female
Specification
MIL-STD-348A
MIL-STD-348
Impedance
50 Ohms
50 Ohms
Mating Cycles
100
Contact Material and Plating
Brass, Gold
Beryllium Copper, Gold
Contact Plating Specification
30µ in. Minimum
Dielectric Type
PTFE
Teflon
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. Minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. Minimum
Hex Size
5/16 in
Torque
5 in-lbs [0.57 Nm]
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3832-12 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Cable 12 Inch Length Using RG316 Coax PE3832-12
RF Cable Assemblies Technical Data Sheet
PE3832-12
SMA Male to SMA Female Cable 12 Inch
Length Using RG316 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com