Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3071EEN Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP3071EEN
Description  15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3071EEN Datasheet(HTML) 2 Page - Sipex Corporation

  SP3071EEN Datasheet HTML 1Page - Sipex Corporation SP3071EEN Datasheet HTML 2Page - Sipex Corporation SP3071EEN Datasheet HTML 3Page - Sipex Corporation SP3071EEN Datasheet HTML 4Page - Sipex Corporation SP3071EEN Datasheet HTML 5Page - Sipex Corporation SP3071EEN Datasheet HTML 6Page - Sipex Corporation SP3071EEN Datasheet HTML 7Page - Sipex Corporation SP3071EEN Datasheet HTML 8Page - Sipex Corporation SP3071EEN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Date: 03/28/05
SP3070E - SP3078E Family, ±15kV ESD-Protected, Failsafe RS-485/RS422 Transceivers
© Copyright 2005 Sipex Corporation
2
DEVICE ARCHITECTURE AND BLOCK DIAGRAMS
VCC
D
R
NC
A
B
Z
Y
R
NC
NC
DE
REB
GND
GND
2
1
3
4
5
6
7
8
9
10
11
12
13
14
D
D
R
A
B
Z
Y
R
GND
2
1
3
4
5
6
7
8
D
VCC
D
R
A
B
RO
GND
2
1
3
4
5
6
7
8
DE
VCC
RE
DI
14 Pin Full Duplex:
SP3070E, 250kbps slew limited
SP3073E, 500kbps slew limited
SP3076E, 16Mbps
8 Pin Full Duplex:
SP3071E, 250kbps slew limited
SP3074E, 500kbps slew limited
SP3077E, 16Mbps
8 Pin Half Duplex:
SP3072E, 250kbps slew limited
SP3075E, 500kbps slew limited
SP3078E, 16Mbps
Devices are available in three industry standard architectures and footprints. In each footprint
there are three speed grades available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com