Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0134CSSM00SUEAH Datasheet(PDF) 16 Page - ON Semiconductor

Part # AR0134CSSM00SUEAH
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSM00SUEAH Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AR0134CSSM00SUEAH Datasheet HTML 12Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 13Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 14Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 15Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 16Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 17Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 18Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 19Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
AR0134CS
www.onsemi.com
16
Table 6. I/O TIMING CHARACTERISTICS, PARALLEL OUTPUT (1.8 V VDD_IO) (Note 8) (continued)
Symbol
Unit
Max
Typ
Min
Condition
Definition
tPFH
PIXCLK to FV HIGH
PIXCLK Slew Rate = 6, Data Slew Rate = 7
−2.5
−
2
ns
tPLH
PIXCLK to LV HIGH
PIXCLK Slew Rate = 6, Data Slew Rate = 7
−3
−
1.5
ns
tPFL
PIXCLK to FV LOW
PIXCLK Slew Rate = 6, Data Slew Rate = 7
−2.5
−
2
ns
tPLL
PIXCLK to LV LOW
PIXCLK Slew Rate = 6, Data Slew Rate = 7
−3
−
1.5
ns
CIN
Input Pin Capacitance
−
2.5
−
pF
8. Minimum and maximum values are taken at 70
°C, 1.7 V and −30°C, 1.95 V. All values are taken at the 50% transition point. The loading used
is 10 pF.
9. Jitter from PIXCLK is already taken into account in the data for all of the output parameters.
Table 7. I/O TIMING CHARACTERISTICS, PARALLEL OUTPUT (2.8 V VDD_IO) (Note 10)
Symbol
Definition
Condition
Min
Typ
Max
Unit
fEXTCLK
Input Clock Frequency
6
−
50
MHz
tEXTCLK
Input Clock Period
20
−
166
ns
tR
Input Clock Rise Time
PLL Enabled
−
3
−
ns
tF
Input Clock Fall Time
PLL Enabled
−
3
−
ns
tJITTER
Input Clock Jitter
−
−
600
ns
tcp
EXTCLK to PIXCLK
Propagation Delay
Nominal Voltages, PLL Disabled,
PIXCLK Slew Rate = 4
5.3
−
13.4
ns
tRP
PIXCLK Rise Time
PCLK Slew Rate = 6
1.3
−
4.0
ns
tFP
PIXCLK Fall Time
PCLK slew rate = 6
1.3
−
3.9
ns
PIXCLK Duty Cycle
40
50
60
%
fPIXCLK
PIXCLK Frequency
PIXCLK Slew Rate = 6, Data Slew Rate = 7
6
−
74.25
MHz
tPD
PIXCLK to Data Valid
PIXCLK Slew Rate = 6, Data Slew Rate = 7
−2.5
−
2
ns
tPFH
PIXCLK to FV HIGH
PIXCLK Slew Rate = 6, Data Slew Rate = 7
−2.5
−
2
ns
tPLH
PIXCLK to LV HIGH
PIXCLK Slew Rate = 6, Data Slew Rate = 7
−2.5
−
2
ns
tPFL
PIXCLK to FV LOW
PIXCLK Slew Rate = 6, Data Slew Rate = 7
−2.5
−
2
ns
tPLL
PIXCLK to LV LOW
PIXCLK Slew Rate = 6, Data Slew Rate = 7
−2.5
−
2
ns
CIN
Input Pin Capacitance
−
2.5
−
pF
10. Minimum and maximum values are taken at 70
°C, 2.5 V and −30°C, 3.1 V. All values are taken at the 50% transition point. The loading used
is 10 pF.
11. Jitter from PIXCLK is already taken into account in the data for all of the output parameters.
Table 8. I/O RISE SLEW RATE (2.8 V VDD_IO) (Note 12)
Parallel Slew (R0x306E[15:13])
Condition
Min
Typ
Max
Unit
7
Default
1.50
2.50
3.90
V/ns
6
Default
0.98
1.62
2.52
V/ns
5
Default
0.71
1.12
1.79
V/ns
4
Default
0.52
0.82
1.26
V/ns
3
Default
0.37
0.58
0.88
V/ns
2
Default
0.26
0.40
0.61
V/ns
1
Default
0.17
0.27
0.40
V/ns
0
Default
0.10
0.16
0.23
V/ns
12. Minimum and maximum values are taken at 70
°C, 2.5 V and −30°C, 3.1 V. The loading used is 10 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com