Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0230CS Datasheet(PDF) 14 Page - ON Semiconductor

Part # AR0230CS
Description  1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CS Datasheet(HTML) 14 Page - ON Semiconductor

Back Button AR0230CS Datasheet HTML 10Page - ON Semiconductor AR0230CS Datasheet HTML 11Page - ON Semiconductor AR0230CS Datasheet HTML 12Page - ON Semiconductor AR0230CS Datasheet HTML 13Page - ON Semiconductor AR0230CS Datasheet HTML 14Page - ON Semiconductor AR0230CS Datasheet HTML 15Page - ON Semiconductor AR0230CS Datasheet HTML 16Page - ON Semiconductor AR0230CS Datasheet HTML 17Page - ON Semiconductor AR0230CS Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AR0230CS
www.onsemi.com
14
0
10
20
30
40
50
350
450
550
650
750
850
950
1050
Wavelength (nm)
Blue
Red
1150
60
70
80
Green (B)
Green (R)
Figure 8. Typical Spectral Characteristics
ELECTRICAL SPECIFICATIONS
Unless otherwise stated, the following specifications
apply under the following conditions: VDD = 1.8V –
0.10/+0.15; VDD_IO = VDD_PLL = VAA = VAA_PIX = 2.8V
± 0.3V;
VDD_SLVS = 0.4V – 0.1/+0.2; TA = −30
°C to +85°C−40°C
to +105
°C; output load = 10pF;
frequency = 74.25 MHz; HiSPi off.
Two−Wire Serial Register Interface
The electrical characteristics of the two−wire serial
register interface (SCLK, SDATA) are shown in Figure 9 and
Table 5.
Figure 9. Two−Wire Serial Bus Timing Parameters
t
t
t
f
SDATA
SCLK
PS
SU;STO
BUF
HD;STA
SU;STA
HIGH
HD;DAT
HD;STA
Sr
t
t
t
t
t
S
tr
tf
tr
SU;DAT
t
NOTE:
Read sequence: For an 8−bit READ, read waveforms start after WRITE
command and register address are issued.
tLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com