Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0134CSSC00SUEA0 Datasheet(PDF) 19 Page - ON Semiconductor

Part # AR0134CSSC00SUEA0
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSC00SUEA0 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button AR0134CSSC00SUEA0 Datasheet HTML 15Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 16Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 17Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 18Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 19Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 20Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 21Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 22Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AR0134CS
www.onsemi.com
19
Table 15. STANDBY CURRENT CONSUMPTION
(Analog − VAA + VAA_PIX + VDD_PLL; Digital − VDD + VDD_IO; TA = 25°C)
Definition
Condition
Min
Typ
Max
Unit
Hard Standby (Clock Off, Driven Low)
Analog, 2.8 V
–
3
15
mA
Digital, 1.8 V
–
25
80
mA
Hard Standby (Clock On, EXTCLK = 20 MHz)
Analog, 2.8 V
–
12
25
mA
Digital, 1.8 V
–
1.1
1.7
mA
Soft Standby (Clock Off, Driven Low)
Analog, 2.8 V
–
3
15
mA
Digital, 1.8 V
–
25
80
mA
Soft Standby (Clock On, EXTCLK = 20 MHz)
Analog, 2.8 V
–
12
25
mA
Digital, 1.8 V
–
1.1
1.7
mA
HiSPi Electrical Specifications
The ON Semiconductor AR0134CS sensor supports
SLVS mode only, and does not have a DLL for timing
adjustments. Refer to the High-Speed Serial Pixel (HiSPi)
Interface Physical Layer Specification v2.00.00 for
electrical
definitions,
specifications,
and
timing
information. The VDD_SLVS supply in this data sheet
corresponds to VDD_TX in the HiSPi Physical Layer
Specification. Similarly, VDD is equivalent to VDD_HiSPi
as referenced in the specification. The HiSPi transmitter
electrical specifications are listed at 700 MHz.
Table 16. INPUT VOLTAGE AND CURRENT (HiSPi POWER SUPPLY 0.4 V)
(Measurement Conditions: Max Freq. 700 MHz)
Symbol
Parameter
Min
Typ
Max
Unit
IDD_SLVS
Supply Current (PWRHiSPi) (Driving 100 W Load)
–
10
15
mA
VCMD
HiSPi Common Mode Voltage (Driving 100
W Load)
VDD_SLVS ×
0.45
VDD_SLVS/2
VDD_SLVS ×
0.55
V
|VOD|
HiSPi Differential Output Voltage (Driving 100
W Load)
VDD_SLVS ×
0.36
VDD_SLVS/2
VDD_SLVS ×
0.64
V
DVCM
Change in VCM between Logic 1 and 0
−
−
25
mV
|VOD|
Change in |VOD| between Logic 1 and 0
−
−
25
mV
NM
VOD Noise Margin
–
−
30
%
|
DVCM|
Difference in VCM between any Two Channels
−
−
50
mV
|
DVOD|
Difference in VOD between any Two Channels
−
−
100
mV
DVCM_ac
Common-mode AC Voltage (pk) without VCM Cap Termina-
tion
−
−
50
mV
DVCM_ac
Common-mode AC Voltage (pk) with VCM Cap Termination
−
−
30
mV
VOD_ac
Max Overshoot Peak |VOD|
−
−
1.3
× |VOD|
V
Vdiff_pkpk
Max Overshoot Vdiff pk-pk
−
−
2.6
× |VOD|
V
Veye
Eye Height
1.4
× VOD
−
−
Ro
Single-ended Output Impedance
35
50
70
W
DRo
Output Impedance Mismatch
−
−
20
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com