Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0230CSSC00SUEAH3-GEVB Datasheet(PDF) 1 Page - ON Semiconductor

Part # AR0230CSSC00SUEAH3-GEVB
Description  1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CSSC00SUEAH3-GEVB Datasheet(HTML) 1 Page - ON Semiconductor

  AR0230CSSC00SUEAH3-GEVB Datasheet HTML 1Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 2Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 3Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 4Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 5Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 6Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 7Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 8Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2017 − Rev.11
1
Publication Order Number:
AR0230CS/D
AR0230CS
1/2.7‐inch
2.1 Mp/Full HD Digital
Image Sensor
GENERAL DESCRIPTION
ON Semiconductor’s AR0230CS is a 1/2.7−inch CMOS digital
image sensor with an active−pixel array of 1928Hx1088V. It captures
images in either linear or high dynamic range modes, with a
rolling−shutter readout. It includes sophisticated camera functions
such as in−pixel binning, windowing and both video and single frame
modes. It is designed for both low light and high dynamic range scene
performance. It is programmable through a simple two−wire serial
interface. The AR0230CS produces extraordinarily clear, sharp digital
pictures, and its ability to capture both continuous video and single
frames makes it the perfect choice for a wide range of applications,
including surveillance and HD video.
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Typical Value
Optical Format
1/2.7−inch (6.6 mm)
Active Pixels
1928(H) x 1088(V) (16:9 mode)
Pixel Size
3.0
μm x 3.0 μm
Color Filter Array
RGB Bayer
Shutter Type
Electronic rolling shutter and GRR
Input Clock Range
6 – 48 MHz
Output Clock Maximum
148.5 Mp/s (4−lane HiSPi)
74.25 Mp/s (Parallel)
Output
Serial
HiSPi 10−, 12−, 14−, 16−, or 20−bit
Parallel
10−, 12−bit
Frame
Rate
1080p
60 fps
Responsivity
4.0 V/lux−sec
SNRMAX
41 dB
Max Dynamic Range
Up to 96 dB
Supply
Voltage
I/O
1.8 or 2.8 V
Digital
1.8 V
Analog
2.8 V
HiSPi
0.3 V − 0.6 V (SLVS), 1.7 V − 1.9 V (HiVcm)
Power Consumption
(typical)
386 mW (Linear, 1080p30, 25
°C, parallel output)
558 mW (HDR, 1080p30, 25
°C, parallel output)
Operating Temperature
–30
°C to +85°C ambient
Package Options
10x10 mm 80−pin iBGA
www.onsemi.com
See detailed ordering and shipping information on page2 of
this data sheet.
ORDERING INFORMATION
Features
• Superior low−light performance
• Latest 3.0 μm pixel with ON Semiconductor
DR−Pix
™ technology with Dual Conversion
Gain
• Full HD support at up to 1080P 60 fps for
superior video performance
• Linear or high dynamic range capture
• Optional adaptive local tone mapping
(ALTM)
• Pixel or Line interleaved T1/T2 output
• Support for external mechanical shutter
• On−chip phase−locked loop (PLL) oscillator
• Integrated position−based color and lens
shading correction
• Slave mode for precise frame−rate control
• Stereo/3D camera support
• Statistics engine
• Data interfaces: four−lane serial high−speed
pixel interface (HiSPi) differential signaling
(SLVS and HiVCM), or parallel
• Auto black level calibration
• High−speed configurable context switching
• Temperature sensor
Applications
• Video surveillance
• 1080p60 (Surveillance) video applications
• High dynamic range imaging
IBGA80 10
y 10
CASE 503AN


Similar Part No. - AR0230CSSC00SUEAH3-GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0230CSSC00SUEAH3-GEVB ONSEMI-AR0230CSSC00SUEAH3-GEVB Datasheet
959Kb / 36P
Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
AR0230CSSC00SUEAH3-GEVB ONSEMI-AR0230CSSC00SUEAH3-GEVB Datasheet
864Kb / 33P
1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 9, 6/16 EN
More results

Similar Description - AR0230CSSC00SUEAH3-GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR023Z ONSEMI-AR023Z Datasheet
948Kb / 35P
Mp/Full HD Digital Image Sensor
Rev. 0, Pub. 9/15 EN
AR023ZM ONSEMI-AR023ZM Datasheet
810Kb / 35P
1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
AR0237 ONSEMI-AR0237 Datasheet
803Kb / 34P
1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 3, 3/16 EN
AR0135CS ONSEMI-AR0135CS Datasheet
230Kb / 27P
1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
July, 2016 ??Rev. 4
AR0230CS ONSEMI-AR0230CS Datasheet
864Kb / 33P
1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 9, 6/16 EN
AR0237CS ONSEMI-AR0237CS Datasheet
921Kb / 38P
1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
AR0134CS ONSEMI-AR0134CS Datasheet
259Kb / 29P
1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 9
AR0238 ONSEMI-AR0238 Datasheet
288Kb / 26P
2.1 Mp/Full HD Digital Image Sensor
October, 2017 ??Rev. 5
MT9F002 ONSEMI-MT9F002_17 Datasheet
661Kb / 61P
1/2.3?릋nch 14 Mp CMOS Digital Image Sensor
September, 2017 ??Rev. 11
MT9M131 ONSEMI-MT9M131_17 Datasheet
299Kb / 50P
1/3?릋nch SOC 1.3Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com