Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0134CSSC00SUEAH Datasheet(PDF) 12 Page - ON Semiconductor

Part # AR0134CSSC00SUEAH
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSC00SUEAH Datasheet(HTML) 12 Page - ON Semiconductor

Back Button AR0134CSSC00SUEAH Datasheet HTML 8Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 9Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 10Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 11Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 12Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 13Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 14Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 15Page - ON Semiconductor AR0134CSSC00SUEAH Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
AR0134CS
www.onsemi.com
12
Single READ from Random Location
This sequence (Figure 8) starts with a dummy WRITE to
the 16-bit address that is to be used for the READ. The
master terminates the WRITE by generating a restart
condition. The master then sends the 8-bit read slave
address/data direction byte and clocks out one byte of
register data. The master terminates the READ by
generating a no-acknowledge bit followed by a stop
condition. Figure 8 shows how the internal register address
maintained by the AR0134CS is loaded and incremented as
the sequence proceeds.
Figure 8. Single READ from Random Location
Previous Reg Address, N
Reg Address, M
M+1
S0
1
P
A
Sr
Slave Ad-
dress
Reg
Address[15:8]
Reg
Address[7:0]
Slave Address
S = Start Condition
P = Stop Condition
Sr = Restart Condition
A = Acknowledge
A = No-acknowledge
Slave to Master
Master to Slave
A
A
A
A
Read Data
Single READ from Current Location
This sequence (Figure 9) performs a read using the
current value of the AR0134CS internal register address.
The master
terminates
the
READ
by
generating
a no-acknowledge bit followed by a stop condition.
The figure shows two independent READ sequences.
Figure 9. Single READ from Current Location
Previous Reg Address, N
Reg Address, N+1
N+2
S1
Slave Address
A
Read Data
S1
P
Slave Address
AA
Read Data
P
A
Sequential READ, Start from Random Location
This sequence (Figure 10) starts in the same way as the
single READ from random location (Figure 8). Instead of
generating a no-acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge
bit and continues to perform byte READs until “L” bytes
have been read.
Figure 10. Sequential READ, Start from Random Location
Previous Reg Address, N
Reg Address, M
S0
Slave Address
A
A
Reg Address[15:8]
P
A
M+1
A
A
A
1
Sr
Reg Address[7:0]
Read Data
Slave Address
M+L
M+L−1
M+L−2
M+1
M+2
M+3
A
Read Data
A
Read Data
A
Read Data
Read Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com