Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP3276 Datasheet(PDF) 3 Page - Exar Corporation

Part # MP3276
Description  Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP3276 Datasheet(HTML) 3 Page - Exar Corporation

  MP3276 Datasheet HTML 1Page - Exar Corporation MP3276 Datasheet HTML 2Page - Exar Corporation MP3276 Datasheet HTML 3Page - Exar Corporation MP3276 Datasheet HTML 4Page - Exar Corporation MP3276 Datasheet HTML 5Page - Exar Corporation MP3276 Datasheet HTML 6Page - Exar Corporation MP3276 Datasheet HTML 7Page - Exar Corporation MP3276 Datasheet HTML 8Page - Exar Corporation MP3276 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP3276
3
Rev. 4.00
PIN OUT DEFINITIONS
61
1
VEE
Negative Analog Supply
62
2
AIN12
Analog Input 12, AB3-AB0 = 1100
63
3
N/C or GND
64
4
AIN13
Analog Input 13, AB3-AB0 = 1101
65
5
N/C or GND
66
6
AIN14
Analog Input 14, AB3-AB0 = 1110
67
7
N/C or GND
68
8
AIN15
Analog Input 15, AB3-AB0 = 1111
1
9
N/C or GND
2
10
GND Ref.
Input Ground Reference
3
11
AGND
ADC Analog Ground
4
12
Ref In
Reference Input
5
13
Ref Out
Reference Output
6
14
AGND3
Reference Analog Ground
7
15
DGND
Digital Ground
8
16
DB0/SDC
Data Output Bit 0/Serial Data
Clock
9
17
N/C
No Connection
10
18
DB1
Data Output Bit 1
11
19
DB2
Data Output Bit 2
12
20
DB3
Data Output Bit 3
13
21
DB4
Data Output Bit 4
14
22
DB5
Data Output Bit 5
15
23
DB6
Data Output Bit 6
16
24
DB7
Data Output Bit 7
17
25
DB8
Data Output Bit 8
18
26
DB9
Data Output Bit 9
19
27
DB10
Data Output Bit 10
20
28
DB11/SDO
Data Output Bit 11/Serial
Data Out
21
29
STS
Conversion Status
22
30
STL
Mux Settling Status
23
31
PXS
Parallel/XSerial
24
32
RD
Read Enable
25
33
CS
Chip Select
26
34
WR
Write Enable
PLCC
PIN NO.
NAME
DESCRIPTION
27
35
ADEN
Address Enable
28
36
AB3
Channel Address 3
29
37
AB2
Channel Address 2
30
38
AB1
Channel Address 1
31
39
AB0
Channel Address 0
32
40
GND
GND
33
41
VDD
Positive Digital Supply
34
42
VCC
Positive Analog Supply
35
43
AIN0
Analog Input 0, AB3-AB0 = 0000
36
44
N/C or GND
37
45
AIN1
Analog Input 1, AB3-AB0 = 0001
38
46
N/C or GND
39
47
AIN2
Analog Input 2, AB3-AB0 = 0010
40
48
N/C or GND
41
49
AIN3
Analog Input 3, AB3-AB0 = 0011
42
50
N/C or GND
43
51
N/C
No Connection
44
52
AIN4
Analog Input 4, AB3-AB0 = 0100
45
53
N/C or GND
46
54
AIN5
Analog Input 5, AB3-AB0 = 0101
47
55
N/C or GND
48
56
AIN6
Analog Input 6, AB3-AB0 = 0110
49
57
N/C or GND
50
58
AIN7
Analog Input 7, AB3-AB0 = 0111
51
59
N/C or GND
52
60
AGND2
Analog Ground Mux Return
53
61
AIN8
Analog Input 8, AB3-AB0 = 1000
54
62
N/C or GND
55
63
AIN9
Analog Input 9, AB3-AB0 = 1001
56
64
N/C or GND
57
65
AIN10
Analog Input 10, AB3-AB0 = 1010
58
66
N/C or GND
59
67
AIN11
Analog Input 11, AB3-AB0 = 1011
60
68
N/C or GND
PGA
PADS
PLCC
PIN NO.
NAME
DESCRIPTION
PGA
PADS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com